Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCG16A-HR Datasheet(PDF) 6 Page - Littelfuse

Part # SMCG16A-HR
Description  The SMCG-HR series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCG16A-HR Datasheet(HTML) 6 Page - Littelfuse

  SMCG16A-HR Datasheet HTML 1Page - Littelfuse SMCG16A-HR Datasheet HTML 2Page - Littelfuse SMCG16A-HR Datasheet HTML 3Page - Littelfuse SMCG16A-HR Datasheet HTML 4Page - Littelfuse SMCG16A-HR Datasheet HTML 5Page - Littelfuse SMCG16A-HR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Transient Voltage Suppression Diodes
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/09/15
Surface Mount – 1500W > SMCG-HR series
Part Numbering System
Packaging
Part number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
SMCGxxxXX-HR
DO-215AB
1500
Tape&Reel–24mmtape/13”reel
EIASTDRS-481
Part Marking System
V
R VOLTAGE
BI-DIRECTIONAL
5% V
BR VOLTAGE TOLERANCE
SERIES
SMCG
-HR
xxx CA
High Reliability
Tape and Reel Specification
0.945
(24.0)
0.472
(12.0)
0.157
(4.0)
0.960
(24.4)
0.800 (20.2)
Arbor Hole Dia.
13.0 (330)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
Cathode
XXX
YMXXX
Marking Code
Trace Code Marking
Y:Year Code
M: Month Code
XXX: Lot Code
Littelfuse Logo
Cathode Band
(for Uni-directional products only)
Dimensions
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.115
0.125
2.920
3.170
B
0.260
0.280
6.600
7.110
C
0.220
0.245
5.590
6.220
D
0.075
0.095
1.900
2.410
E
0.038
0.058
0.970
1.470
F
-
0.020
-
0.510
G
0.380
0.400
9.640
10.160
H
0.024
0.040
0.610
1.020
I
0.006
0.016
0.150
0.410
J
-
0.050
-
1.270
K
-
0.310
-
7.870
L
-
0.050
-
1.270
M
-
0.125
-
3.170
N
0.002
0.008
0.050
0.200
DO-215AB (SMCG)
Dimensions in inches and (millimeters)
Cathode Band
B
F
G
H
E
C
D
A
I
Seating Plane
N
L
K
J
M
Solder Pads


Similar Part No. - SMCG16A-HR

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG16A GE-SMCG16A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG16A MICROSEMI-SMCG16A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG16A MICROSEMI-SMCG16A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG16A VISHAY-SMCG16A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
SMCG16A LUGUANG-SMCG16A Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCG16A-HR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
   SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
   The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
   The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SAC LITTELFUSE-SAC Datasheet
747Kb / 4P
   The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
   The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
   The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
   The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com