Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBW2448S5-6000HS Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CBW2448S5-6000HS
Description  Up to 30 Watts, DC/DC Power Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW2448S5-6000HS Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CBW2448S5-6000HS Datasheet HTML 1Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 2Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 3Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 4Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 5Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 6Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 7Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 8Page - Wall Industries,Inc. CBW2448S5-6000HS Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 34
SPECIFICATIONS: CBW SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Start-Up Voltage
24VDC nominal input models
9
VDC
48VDC nominal input models
18
Shutdown Voltage
24VDC nominal input models
8
VDC
48VDC nominal input models
16
Input Surge Voltage (100ms)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
Input Current
No Load
See Table
Input Filter
Pi type
Input Reflected Ripple Current
20
mAp-p
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Single Output Models
-1.0
+1.0
%
Dual Output Models
-1.0
+1.0
%
Triple Output Models
Main
-1.0
+1.0
%
Auxiliary
-5.0
+5.0
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.2
+0.2
%
Triple Output Models
Main
-1.0
+1.0
%
Auxiliary
-5.0
+5.0
Load Regulation
Min load to full load
Single Output Models
-0.5
+0.5
%
Dual Output Models
-1.0
+1.0
%
Triple Output Models
Main
-1.0
+1.0
%
Auxiliary
-5.0
+5.0
Cross Regulation (Dual Output Models) Asymmetrical load 25% / 100% full load
-5.0
+5.0
%
Voltage Adjustability (Single Output
Only)
See page 4
-10
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
See Note 3
See Table
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise
20MHz BW and with a 1µF/50V MLCC
Single Output Models
See Table
20MHz BW and with a 1µF/50V MLCC
Dual Output Models
See Table
20MHz BW and with a 0.1µF/50V MLCC
Triple Output Models
See Table
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nominal input and constant resistive load
Power Up
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF CONTROL (See Note 2)
Positive Logic (standard)
The CTRL pin voltage is referenced to –Input
DC/DC ON
Open or 3V < Vr < 12V
DC/DC OFF
Short or 0 < Vr < 1.2VDC
Negative Logic (optional)
The CTRL pin voltage is referenced to –Input
DC/DC ON
Short or 0 < Vr < 1.2VDC
DC/DC OFF
Open or 3V < Vr < 12V
Input Current of remote Control Pin
Nominal input
-0.5
+0.5
mA
Remote OFF State Input Current
Nominal input
3
mA
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of full load at nominal input
150
%
Over Voltage Protection
Zener diode clamp
1.5V output models
2.0
VDC
2.5V output models
3.3
VDC
3.3V output models
3.9
VDC
5V, 5.1V, and ±5V output
models
6.2
VDC
12V & ±12V output models
15
VDC
15V & ±15V output models
18
VDC
Over Temperature Protection
+115
°C


Similar Part No. - CBW2448S5-6000HS

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CBWCFA1115533290653 BOOKHAM-CBWCFA1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1215533290653 BOOKHAM-CBWCFA1215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1315533290653 BOOKHAM-CBWCFA1315533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2115533290653 BOOKHAM-CBWCFA2115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2215533290653 BOOKHAM-CBWCFA2215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
More results

Similar Description - CBW2448S5-6000HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com