Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD8S28A Datasheet(PDF) 3 Page - Littelfuse

Part # SLD8S28A
Description  The SLD8S Series is SMTO-263 packaged with leaded modification and is designed to provide precision overvoltage protection for sensitive electronics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD8S28A Datasheet(HTML) 3 Page - Littelfuse

  SLD8S28A Datasheet HTML 1Page - Littelfuse SLD8S28A Datasheet HTML 2Page - Littelfuse SLD8S28A Datasheet HTML 3Page - Littelfuse SLD8S28A Datasheet HTML 4Page - Littelfuse SLD8S28A Datasheet HTML 5Page - Littelfuse SLD8S28A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/24/16
TVS Diodes
Surface Mount – SLD8S series
0.1
1
10
100
0.01
0.11
10
100
td-Pulse Width (ms)
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
Figure 1 - Peak Pulse Current Rating Curve
Figure 2 - Peak Pulse Power Derating Curve
I-V Curve Characteristics
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to the
TVSwithoutoperation
V
BR
Breakdown Voltage -- Maximum voltage that flows though the
TVSataspecifiedtestcurrent(I
T)
V
C
Clamping Voltage--PeakvoltagemeasuredacrosstheTVSata
specified Ippm (peak impulse current)
I
R
Reverse Leakage Current --CurrentmeasuredatV
R
V
F
Forward Voltage Drop for Uni-directional
0
20
40
60
80
100
0255075
100
125
150
175
T
J - Initial Junction Temperature (ºC)
t - Pulse Width (s)
100
10
1
0.1
0.01
0.01
0.11
10
100
R θJC
R θJA
Figure 3 - Typical Transient Thermal Impedance


Similar Part No. - SLD8S28A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
   800V N-Channel MOSFET
SLD80R500SJ MAPLESMI-SLD80R500SJ Datasheet
632Kb / 8P
   800V N-Channel MOSFET
SLD80R600SJ MAPLESMI-SLD80R600SJ Datasheet
586Kb / 7P
   800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
   800V N-Channel MOSFET
SLD830C MAPLESMI-SLD830C Datasheet
310Kb / 6P
   500V N-Channel MOSFET
More results

Similar Description - SLD8S28A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD LITTELFUSE-SLD Datasheet
916Kb / 5P
   The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
30R090 LITTELFUSE-30R090 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
5.0SMDJ12A LITTELFUSE-5.0SMDJ12A_12 Datasheet
1Mb / 5P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic
STD120 LITTELFUSE-STD120 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
   The GS204U is designed for bias circuit and protection circuit.
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
logo
Littelfuse
AQ2555NUTG LITTELFUSE-AQ2555NUTG Datasheet
2Mb / 5P
   The AQ2555NUTG is a low-capacitance, TVS Diode Array designed to provide protection against ESD
logo
National Semiconductor ...
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com