Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx32N2RP Datasheet(PDF) 2 Page - Littelfuse

Part # SJxx32N2RP
Description  This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx32N2RP Datasheet(HTML) 2 Page - Littelfuse

  SJxx32N2RP Datasheet HTML 1Page - Littelfuse SJxx32N2RP Datasheet HTML 2Page - Littelfuse SJxx32N2RP Datasheet HTML 3Page - Littelfuse SJxx32N2RP Datasheet HTML 4Page - Littelfuse SJxx32N2RP Datasheet HTML 5Page - Littelfuse SJxx32N2RP Datasheet HTML 6Page - Littelfuse SJxx32N2RP Datasheet HTML 7Page - Littelfuse SJxx32N2RP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revised: 09/06/17
Specifications are subject to change without notice.
©2017 Littelfuse, Inc
Thyristors
40 Amp Standard SCRs
Sxx40x Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
SJxx32x
SJxx32x2
Unit
I
GT
V
D = 12V; RL = 30 Ω
MAX.
40
15
mA
MIN.
5
3
V
GT
MAX.
1.5
V
dv/dt
V
D = VDRM; gate open; TJ = 125°C
400V
MIN.
650
400
V/μs
600V
600
350
V
D = VDRM; gate open; TJ = 150°C
400V
550
300
600V
500
250
V
GD
V
D = VDRM; RL = 3.3 kΩ; TJ = 150°C
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
60
50
mA
t
q
I
T=2A; tp=50µs; dv/dt=5V/µs; di/dt=-30A/µs
MAX.
35
μs
t
gt
I
G = 2 x IGT; PW = 15µs; IT = 64A
TYP.
2
μs
NOTE: xx = voltage, x = package
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
SJxx32Ly
1.9
°C/W
SJxx32Ry/SJxx32Ny
0.8
Note: xx = voltage, y = sensitivity & type
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 64A; tp = 380μs
MAX.
1.6
V
I
DRM / IRRM
@ V
DRM / VRRM
T
J = 25°C
MAX.
10
μA
T
J = 125°C
2000
T
J = 150°C
4000
32 Amp Standard High Temperature SCRs
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40- 15
10
35
60
85
110
135
160
Junction Temperature(T
J )--( °C)
Junction Temperature (T
J ) --(°C)
0.0
0.5
1.0
1.5
2.0
-40- 15
10
35
60
85
110135
160
SJxx32xx Series


Similar Part No. - SJxx32N2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx32N2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com