Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx32NTP Datasheet(PDF) 7 Page - Littelfuse

Part # SJxx32NTP
Description  This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx32NTP Datasheet(HTML) 7 Page - Littelfuse

  SJxx32NTP Datasheet HTML 1Page - Littelfuse SJxx32NTP Datasheet HTML 2Page - Littelfuse SJxx32NTP Datasheet HTML 3Page - Littelfuse SJxx32NTP Datasheet HTML 4Page - Littelfuse SJxx32NTP Datasheet HTML 5Page - Littelfuse SJxx32NTP Datasheet HTML 6Page - Littelfuse SJxx32NTP Datasheet HTML 7Page - Littelfuse SJxx32NTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Revised: 09/27/17
Specifications are subject to change without notice.
©2017 Littelfuse, Inc
Thyristors
40 Amp Standard SCRs
Sxx40x Series
32 Amp Standard High Temperature SCRs
SJxx32xx Series
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
SJxx32L
X
X
40mA
Standard SCR
TO-220L
SJxx32R
X
X
40mA
Standard SCR
TO-220R
SJxx32N
X
X
40mA
Standard SCR
TO-263
SJxx32L2
X
X
15mA
Standard SCR
TO-220L
SJxx32R2
X
X
15mA
Standard SCR
TO-220R
SJxx32N2
X
X
15mA
Standard SCR
TO-263
Note: xx = Voltage/10
Part Numbering System
Part Marking System
®
M
Y
SJ6040R
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
TO-220 AB - (R Package)
TO-263 AB - (N Package)
56
COMPONENT TYPE
SJ: high temperature SCR
xx: Lead Form Option
PACKAGE TYPE
R: TO-220 Non-isolated
N: TO-263 (D
CURRENT RATING
Lead Form Dimensions
32: 32A
VOLTAGE RATING
40: 400V
60: 600V
SENSITIVITY & TYPE
SJ 60 32 R
[blank]: 40mA
2 - Pak)
2
2: 15mA
L: TO-220 Isolated
SJ6032R
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
SJxx32LTP
SJxx32L
2.2g
Tube
500 (50 per tube)
SJxx32RTP
SJxx32R
2.2g
Tube
500 (50 per tube)
SJxx32NTP
SJxx32N
1.6g
Tube
500 (50 per tube)
SJxx32NRP
SJxx32N
1.6g
Embossed Carrier
500
SJxx32L2TP
SJxx32L2
2.2g
Tube
500 (50 per tube)
SJxx32R2TP
SJxx32R2
2.2g
Tube
500 (50 per tube)
SJxx32N2RP
SJxx32N2
1.6g
Embossed Carrier
500
Note: xx = Voltage/10


Similar Part No. - SJxx32NTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx32NTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com