Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx40N2 Datasheet(PDF) 7 Page - Littelfuse

Part # SJxx40N2
Description  This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx40N2 Datasheet(HTML) 7 Page - Littelfuse

  SJxx40N2 Datasheet HTML 1Page - Littelfuse SJxx40N2 Datasheet HTML 2Page - Littelfuse SJxx40N2 Datasheet HTML 3Page - Littelfuse SJxx40N2 Datasheet HTML 4Page - Littelfuse SJxx40N2 Datasheet HTML 5Page - Littelfuse SJxx40N2 Datasheet HTML 6Page - Littelfuse SJxx40N2 Datasheet HTML 7Page - Littelfuse SJxx40N2 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Revised: 09/27/17
Specifications are subject to change without notice.
©2017 Littelfuse, Inc
Thyristors
40 Amp Standard SCRs
Sxx40x Series
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
SJxx40L
X
X
40mA
Standard SCR
TO-220L
SJxx40R
X
X
40mA
Standard SCR
TO-220R
SJxx40N
X
X
40mA
Standard SCR
TO-263
SJxx40L2
X
X
15mA
Standard SCR
TO-220L
SJxx40R2
X
X
15mA
Standard SCR
TO-220R
SJxx40N2
X
X
15mA
Standard SCR
TO-263
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
SJxx40LTP
SJxx40L
2.2g
Tube
500 (50 per tube)
SJxx40RTP
SJxx40R
2.2g
Tube
500 (50 per tube)
SJxx40NTP
SJxx40N
1.6g
Tube
500 (50 per tube)
SJxx40NRP
SJxx40N
1.6g
Embossed Carrier
500
SJxx40L2TP
SJxx40L
2.2g
Tube
500 (50 per tube)
SJxx40R2TP
SJxx40R2
2.2g
Tube
500 (50 per tube)
SJxx40N2RP
SJxx40N2
1.6g
Embossed Carrier
500
Note: xx = Voltage
40 Amp Standard High Temperature SCRs
SJxx40xx Series
Part Numbering System
Part Marking System
®
M
Y
SJ6040R
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
TO-220 AB - (R Package)
TO-263 AB - (N Package)
56
COMPONENT TYPE
SJ: high temperature SCR
xx: Lead Form Option
PACKAGE TYPE
R: TO-220 Non-isolated
N: TO-263 (D
CURRENT RATING
Lead Form Dimensions
40: 40A
VOLTAGE RATING
40: 400V
60: 600V
SENSITIVITY & TYPE
SJ 60 40 R
[blank]: 40mA
2- Pak)
2
2: 15mA
L: TO-220 Isolated


Similar Part No. - SJxx40N2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx40N2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com