Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1150IKS-1.0-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1150IKS-1.0-T1
Description  1MHz 1A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150IKS-1.0-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1150IKS-1.0-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT1150
1MHz 1A Step-Down DC/DC Converter
6
1150.2005.03.1.2
Typical Characteristics
Loop Gain and Phase vs. Output Capacitor
(VIN = 3.6V; IOUT = 0.3A; CO = 22
µF)
-40
-32
-24
-16
-8
0
8
16
24
32
40
10
100
1000
Frequency (kHz)
-225
-180
-135
-90
-45
0
45
90
135
180
225
Phase
Gain
4x
4x
3x
2x
3x
2x
Efficiency vs. Input Voltage
(VOUT = 1.5V)
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO = 1A
IO = 0.4A
Load Regulation
(VOUT = 3.3V; VIN = 5.0V)
-5
-4
-3
-2
-1
0
0
150
300
450
600
750
900
1050
Output Current (mA)
Load Regulation
(VOUT = 1.5V; VIN = 3.6V)
-5
-4
-3
-2
-1
0
0
150
300
450
600
750
900
IOUT (mA)
Line Regulation
(VOUT = 1.5V)
-0.25
-0.15
-0.05
0.05
0.15
0.25
2.5
3
3.5
4
4.5
5.5
5
Input Voltage (V)
IOUT = 0.4A
IOUT = 1.0A
Output Voltage vs. Temperature
(IOUT = 900mA; VOUT = 1.5V)
-1.0
-0.6
-0.2
0.2
0.6
1.0
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 2.7V
VIN = 3.6V


Similar Part No. - AAT1150IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com