Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD8S12A Datasheet(PDF) 1 Page - Littelfuse

Part # SLD8S12A
Description  The SLD8S Series is SMTO-263 packaged with leaded modification and is designed to provide precision overvoltage protection for sensitive electronics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD8S12A Datasheet(HTML) 1 Page - Littelfuse

  SLD8S12A Datasheet HTML 1Page - Littelfuse SLD8S12A Datasheet HTML 2Page - Littelfuse SLD8S12A Datasheet HTML 3Page - Littelfuse SLD8S12A Datasheet HTML 4Page - Littelfuse SLD8S12A Datasheet HTML 5Page - Littelfuse SLD8S12A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/24/16
TVS Diodes
Surface Mount – SLD8S series
AGENCY
AGENCY FILE NUMBER
E230531
Designed to protect sensitive electronics from:
- Inductive Load Switching
- Alternator Load Dump
Applications
Features
The SLD8S Series is SMTO-263 packaged with leaded
modification and is designed to provide precision
overvoltage protection for sensitive electronics.
Description
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• AEC-Q101qualified
• SMTO-263package,and
foot print is compatible to
industrial popular DO-
218AB package
• MeetISO7637-25a/5b
protectionandISO16750
load dump test (refer to
APP note for details)
• V
BR @ TJ=VBR@25°C
x (1+αT x (T
J - 25))
(αT:Temperature
Coefficient,typicalvalueis
0.1%
• Glasspassivatedchip
junction in modified TO-
263 package
•IEC-61000-4-2ESD
30kV(Air),30kV(Contact)
•ESDprotectionofdata
lines in accordance with
IEC61000-4-2
•EFTprotectionofdata
lines in accordance with
IEC61000-4-4
• Fastresponsetime:
typicallylessthan1.0ps
from0VoltstoBVmin
• Excellentclamping
capability
• Lowincrementalsurge
resistance
• Plasticpackageis
flammabilityratedV-0per
Underwriters Laboratories
•MeetMSLlevel1,per
J-STD-020,LFmaximun
peak of 260°C
• Forsurfacemounted
applications to optimize
board space
•Lowprofilepackage
• Hightemperature
to reflow soldering
guaranteed:260°C/10sec
at terminals
• Mattetinlead–freeplated
•HalogenfreeandRoHS
compliant
•Pb-freeE3means2nd
level interconnect is Pb-
free and the terminal finish
materialistin(Sn)(IPC/
JEDEC J-STD-609A.01)
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
SLD8S Series
RoHS
Pb e3
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation
1. 10ms x 150ms test waveform
P
PPM
2200
W
2. 10µs x 1000µs test waveform
7000
W
Power dissipation on infinite
heatsink at T
C = 25 °C
P
D
8.0
W
Maximum Instantaneous Forward
Voltageat100AforUnidirectional
only
V
F
1.8
V
Peak forward surge current 8.3m
single half sine-wave
I
FSM
1000
A
Operating Junction and Storage
Temperature Range
T
J,TSTG
-55to175
°C
TypicalThermalResistanceJunction
to case
R
θJC
0.9
°C/W


Similar Part No. - SLD8S12A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
   800V N-Channel MOSFET
SLD80R500SJ MAPLESMI-SLD80R500SJ Datasheet
632Kb / 8P
   800V N-Channel MOSFET
SLD80R600SJ MAPLESMI-SLD80R600SJ Datasheet
586Kb / 7P
   800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
   800V N-Channel MOSFET
SLD830C MAPLESMI-SLD830C Datasheet
310Kb / 6P
   500V N-Channel MOSFET
More results

Similar Description - SLD8S12A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD LITTELFUSE-SLD Datasheet
916Kb / 5P
   The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
30R090 LITTELFUSE-30R090 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
5.0SMDJ12A LITTELFUSE-5.0SMDJ12A_12 Datasheet
1Mb / 5P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic
STD120 LITTELFUSE-STD120 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
   The GS204U is designed for bias circuit and protection circuit.
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
logo
Littelfuse
AQ2555NUTG LITTELFUSE-AQ2555NUTG Datasheet
2Mb / 5P
   The AQ2555NUTG is a low-capacitance, TVS Diode Array designed to provide protection against ESD
logo
National Semiconductor ...
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com