Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx12DxRP Datasheet(PDF) 8 Page - Littelfuse

Part # SJxx12DxRP
Description  This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx12DxRP Datasheet(HTML) 8 Page - Littelfuse

Back Button SJxx12DxRP Datasheet HTML 2Page - Littelfuse SJxx12DxRP Datasheet HTML 3Page - Littelfuse SJxx12DxRP Datasheet HTML 4Page - Littelfuse SJxx12DxRP Datasheet HTML 5Page - Littelfuse SJxx12DxRP Datasheet HTML 6Page - Littelfuse SJxx12DxRP Datasheet HTML 7Page - Littelfuse SJxx12DxRP Datasheet HTML 8Page - Littelfuse SJxx12DxRP Datasheet HTML 9Page - Littelfuse SJxx12DxRP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Revised: 02/16/18
Specifications are subject to change without notice.
©2018 Littelfuse, Inc
Thyristors
12 Amp High Junction Temperature SCRs
SJxx12xx Series
12 Amps High Junction Temperature SCRs
SJxx12xx Series
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.043
0.050
1.02
1.09
1.27
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.02
1.12
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
Anode
Cathode
Anode
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
SJxx12L
X
X
20mA
Standard SCR
TO-220L
SJxx12R
X
X
20mA
Standard SCR
TO-220R
SJxx12N
X
X
20mA
Standard SCR
TO-263
SJxx12V
X
X
20mA
Standard SCR
TO-251
SJxx12D
X
X
20mA
Standard SCR
TO-252
SJxx12L1
X
X
6mA
Standard SCR
TO-220L
SJxx12R1
X
X
6mA
Standard SCR
TO-220R
SJxx12N1
X
X
6mA
Standard SCR
TO-263
SJxx12V1
X
X
6mA
Standard SCR
TO-251
SJxx12D1
X
X
6mA
Standard SCR
TO-252
SJxx12L2
X
X
10mA
Standard SCR
TO-220L
SJxx12R2
X
X
10mA
Standard SCR
TO-220R
SJxx12N2
X
X
10mA
Standard SCR
TO-263
Note: xx = Voltage/10


Similar Part No. - SJxx12DxRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx12DxRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com