Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx40L Datasheet(PDF) 1 Page - Littelfuse

Part # SJxx40L
Description  This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx40L Datasheet(HTML) 1 Page - Littelfuse

  SJxx40L Datasheet HTML 1Page - Littelfuse SJxx40L Datasheet HTML 2Page - Littelfuse SJxx40L Datasheet HTML 3Page - Littelfuse SJxx40L Datasheet HTML 4Page - Littelfuse SJxx40L Datasheet HTML 5Page - Littelfuse SJxx40L Datasheet HTML 6Page - Littelfuse SJxx40L Datasheet HTML 7Page - Littelfuse SJxx40L Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revised: 09/05/17
Specifications are subject to change without notice.
©2017 Littelfuse, Inc
Thyristors
40 Amp Standard SCRs
Sxx40x Series
SJxx40xx Series
Description
This SJxx40xx high temperature SCR series is ideal for
uni-directional switch applications such as phase control in
heating, motor speed controls and AC rectifier and voltage
regulator.
These SCRs have a low gate current trigger level of 40 mA
maximum at approximately 1.5 V, with a sensitive version of
this series having a gate trigger current of 15 mA maximum.
Features & Benefits
• High junction temperature
• Voltage capability up
to 600 V
• Surge capability up to
520 A at 60 Hz half cycle
• Halogen free and RoHS
compliant
Main Features
Symbol
Value
Unit
I
T(RMS)
40
A
V
DRM/VRRM
400 or 600
V
I
GT
15 or 40
mA
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
V
DSM/VRSM
Peak non-repetitive blocking voltage
Pw = 100μs
700
V
I
T(RMS)
RMS on-state current
SJxx40Ly T
C = 55°C
40
A
SJxx40Ry/SJxx40Ny T
C = 120°C
I
T(AV)
Average on-state current
SJxx40Ly T
C = 55°C
25.0
A
SJxx40Ry/SJxx40Ny T
C = 120°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
430
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
520
I2t
I2t Value for fusing
t
p = 8.3 ms
1122
A2s
di/dt
Critical rate of rise of on-state current
f = 60Hz ; T
J = 150°C
150
A/μs
I
GM
Peak gate current
t
p ≤ 10μs ; TJ = 150°C
4
A
P
G(AV)
Average gate power dissipation
t
p ≤ 10μs ; TJ = 150°C
1
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
Applications
Typical applications are AC rectifier, voltage regulator,
AC solid-state switches, industrial power tools, exercise
equipment, white goods and commercial appliances.
Schematic Symbol
AK
G
RoHS
40 Amp Standard High Temperature SCRs
SJxx40xx Series


Similar Part No. - SJxx40L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx40L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com