Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx25N Datasheet(PDF) 6 Page - Littelfuse

Part # SJxx25N
Description  This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx25N Datasheet(HTML) 6 Page - Littelfuse

  SJxx25N Datasheet HTML 1Page - Littelfuse SJxx25N Datasheet HTML 2Page - Littelfuse SJxx25N Datasheet HTML 3Page - Littelfuse SJxx25N Datasheet HTML 4Page - Littelfuse SJxx25N Datasheet HTML 5Page - Littelfuse SJxx25N Datasheet HTML 6Page - Littelfuse SJxx25N Datasheet HTML 7Page - Littelfuse SJxx25N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Revised: 01/16/18
Specifications are subject to change without notice.
©2018 Littelfuse, Inc
Thyristors
20 / 25 Amp Standard SCRs
Sxx20x & Sxx25x Series
Dimensions — TO-220AB (R-Package) — Non-Isolated Mounting Tab Common with Center Lead
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
G
0.540
0.575
13.72
14.61
H
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
K
J
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
ANODE
O
P
N
M
.276
7.01
.526
13.36
.320
8.13
AREA (REF.) 0.17 IN2
NOTCH IN
GATE LEAD
TO ID.
NON-ISOLATED
TAB
GATE
CATHODE ANODE
Dimensions — TO-220AB (L-Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
G
0.540
0.575
13.72
14.61
H
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
AREA (REF.) 0.17 IN2
O
P
N
M
.320
8.13
.526
13.36
.276
7.01
K
J
GATE
CATHODE ANODE
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
25 Amps High Junction Temperature SCRs
SJxx25xx Series


Similar Part No. - SJxx25N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx20LxTP LITTELFUSE-SJxx20LxTP Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx20NxRP LITTELFUSE-SJxx20NxRP Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx20NxTP LITTELFUSE-SJxx20NxTP Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx20RxTP LITTELFUSE-SJxx20RxTP Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx25N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com