Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx20NxTP Datasheet(PDF) 7 Page - Littelfuse

Part # SJxx20NxTP
Description  This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx20NxTP Datasheet(HTML) 7 Page - Littelfuse

  SJxx20NxTP Datasheet HTML 1Page - Littelfuse SJxx20NxTP Datasheet HTML 2Page - Littelfuse SJxx20NxTP Datasheet HTML 3Page - Littelfuse SJxx20NxTP Datasheet HTML 4Page - Littelfuse SJxx20NxTP Datasheet HTML 5Page - Littelfuse SJxx20NxTP Datasheet HTML 6Page - Littelfuse SJxx20NxTP Datasheet HTML 7Page - Littelfuse SJxx20NxTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Revised: 01/16/18
Specifications are subject to change without notice.
©2018 Littelfuse, Inc
Thyristors
20 / 25 Amp Standard SCRs
Sxx20x & Sxx25x Series
Dimensions –TO- 263AB (N-package) — D2-Pak Surface Mount
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.016
1.78
Product Selector
G
B
A
W
D
F
V
S
CATHODE
ANODE
T
C MEASURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 in 2
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
SJxx20LxTP
SJxx20Lx
2.2g
Tube
500 (50 per tube)
SJxx20RxTP
SJxx20Rx
2.2g
Tube
500 (50 per tube)
SJxx20NxTP
SJxx20Nx
1.6g
Tube
500 (50 per tube)
SJxx20NxRP
SJxx20Nx
1.6g
Embossed Carrier
500
Note: xx=voltage/10, x=sensitivity
20 Amps High Junction Temperature SCRs
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
SJxx20L
X
X
35mA
Standard SCR
TO-220L
SJxx20R
X
X
35mA
Standard SCR
TO-220R
SJxx20N
X
X
35mA
Standard SCR
TO-263
SJxx20L1
X
X
6mA
Standard SCR
TO-220L
SJxx20R1
X
X
6mA
Standard SCR
TO-220R
SJxx20N1
X
X
6mA
Standard SCR
TO-263
SJxx20L2
X
X
10mA
Standard SCR
TO-220L
SJxx20R2
X
X
10mA
Standard SCR
TO-220R
SJxx20N2
X
X
10mA
Standard SCR
TO-263
Note: xx = Voltage/10
SJxx20xx Series


Similar Part No. - SJxx20NxTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx25L LITTELFUSE-SJxx25L Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx25L1 LITTELFUSE-SJxx25L1 Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx25L2 LITTELFUSE-SJxx25L2 Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx25LxTP LITTELFUSE-SJxx25LxTP Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx25N LITTELFUSE-SJxx25N Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx20NxTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX12XX LITTELFUSE-SJXX12XX Datasheet
863Kb / 10P
   This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
logo
STMicroelectronics
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
   In certain applications such as LCD or plasma TVs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com