Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJxx12LxTP Datasheet(PDF) 4 Page - Littelfuse

Part # SJxx12LxTP
Description  This SJxx12xx high junction temperature SCR series is ideal for uni-directional switch applications such as phase control in heating, motor speed controls
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJxx12LxTP Datasheet(HTML) 4 Page - Littelfuse

  SJxx12LxTP Datasheet HTML 1Page - Littelfuse SJxx12LxTP Datasheet HTML 2Page - Littelfuse SJxx12LxTP Datasheet HTML 3Page - Littelfuse SJxx12LxTP Datasheet HTML 4Page - Littelfuse SJxx12LxTP Datasheet HTML 5Page - Littelfuse SJxx12LxTP Datasheet HTML 6Page - Littelfuse SJxx12LxTP Datasheet HTML 7Page - Littelfuse SJxx12LxTP Datasheet HTML 8Page - Littelfuse SJxx12LxTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revised: 02/16/18
Specifications are subject to change without notice.
©2018 Littelfuse, Inc
Thyristors
12 Amp High Junction Temperature SCRs
SJxx12xx Series
Figure 7: Maximum Allowable Case Temperature
vs. Average On-State Current
12 Amps High Junction Temperature SCRs
Figure 8: Peak Capacitor Discharge Current
10
100
1000
0
.
0
5
0
.
5
2
0
.
5
5.
0
Pulse Current Duration (t
w) - ms
I
TRM
t
W
SJxx12xx Series
Figure 9: Peak Capacitor Discharge Current Derating
1
10
100
1000
0
0
0
1
0
0
1
0
1
1
Surge Current Duration - Full Cycles
Figure 10: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Value at Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.


Similar Part No. - SJxx12LxTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJxx04DS2 LITTELFUSE-SJxx04DS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2RP LITTELFUSE-SJxx04DS2RP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04DS2TP LITTELFUSE-SJxx04DS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2 LITTELFUSE-SJxx04VS2 Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJxx04VS2TP LITTELFUSE-SJxx04VS2TP Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results

Similar Description - SJxx12LxTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
   This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
   This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
   This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX20XX LITTELFUSE-SJXX20XX Datasheet
1Mb / 8P
   This SJxx20xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX40XX LITTELFUSE-SJXX40XX Datasheet
1Mb / 8P
   This SJxx40xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
NTE Electronics
NTE5567 NTE-NTE5567 Datasheet
26Kb / 3P
   Silicon Controlled Rectifier (SCR) for Phase Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com