Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMJW10-24S15-HSR Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMJW10-24S15-HSR
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJW10-24S15-HSR Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMJW10-24S15-HSR Datasheet HTML 1Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 2Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 3Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 4Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 5Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev B
DCMJW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
Input Surge Voltage (1 sec. Max.)
12VDC Input Models
-0.7
25
VDC
24VDC Input Models
-0.7
50
48VDC Input Models
-0.7
100
Start-Up Threshold
12VDC Input Models
9
VDC
24VDC Input Models
18
48VDC Input Models
36
Under Voltage Shutdown
12VDC Input Models
8.5
VDC
24VDC Input Models
17
48VDC Input Models
34
Input Filter
Internal Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
±1.0
%
Load Regulation
Io=0% to 100%
Single Output
±0.5
%
Dual Output
±1.0
Voltage Balance
Dual Outputs, Balanced Loads
±2.0
%
Output Power
See Table
Output Current
See Table
Minimum Load
No Minimum Load Requirement
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
0-20MHz Bandwidth
3.3V & 5V Output
80
mVp-p
Other Outputs
100
Transient Recovery Time(2)
25% Load Step Change
300
µsec
Transient Response Deviation
25% Load Step Change
±3
±5
%
Cross Regulation (Dual)
Asymmetrical Load 25%/100% FL
±5.0
%
Temperature Coefficient
±0.01
±0.02
%/ºC
REMOTE ON/OFF CONTROL
Converter On
3.5V~12V or Open Circuit
Converter Off
0~1.2V or Short Circuit (Pin 2 and Pin 6)
Control Input (on)
Vctrl=5V
0.5
mA
Control Input (off)
Vctrl=0V
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
5
mA
PROTECTION
Short Circuit Protection
Hiccup Mode, Automatic Recovery
0.7
Hz
Over Load Protection
Hiccup
110
150
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-40
+80
ºC
Storage Temperature
-50
+125
ºC
Case Temperature
+100
ºC
Humidity
Non-Condensing
95
%RH
Cooling(5)
Natural Convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature
1.5mm from case for 10sec
260
ºC
MTBF (Calculated)
MIL-HDBK-217F@25ºC, Ground Benign
2,596,000
Hours
GENERAL SPECIFICATIONS
Efficiency
Typ. @Max Load
See Table
Switching Frequency
330
KHz
Isolation Voltage
60 Seconds
1500
VDC
1 Second
1800
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
2000
pF


Similar Part No. - DCMJW10-24S15-HSR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10 WALL-DCMJU24D05-10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10HS WALL-DCMJU24D05-10HS Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJW10-24S15-HSR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com