Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMJW10-24S15-HSR Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMJW10-24S15-HSR
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJW10-24S15-HSR Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMJW10-24S15-HSR Datasheet HTML 1Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 2Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 3Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 4Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 5Page - Wall Industries,Inc. DCMJW10-24S15-HSR Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev B
DCMJW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Size: 1in x 1in x 0.40in (25.4mm x 25.4mm x 10.16mm)
FEATURES
Wide 2:1 Input Voltage Range
Fully Regulated Output Voltages
No Minimum Load Requirement
Optional Remote On/Off Control
Optional Heatsink
RoHS & REACH Compliant
Over Load and Short Circuit Protection
Shielded Metal Case with Insulated
Baseplate
Low No Load Power Consumption
I/O Isolation of 1500VDC
UL/cUL/IEC/EN 60950-1 Safety Approvals
DESCRIPTION
The DCMJW10 series of DC/DC converters offers up to 10 watts of output power in a
1” x 1” x 0.40” shielded metal case. This series consists of fully regulated single and
dual output models with a wide 2:1 input voltage range. Each model in this series has
low no load power consumption, over load and short circuit protection, and has
optional remote on/off and heatsink. This series has UL/cUL.IEC/EN 60950-1 safety
approvals and an I/O isolation of 1500VDC. Please call factory for ordering details.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output
Current
Input Current
Ripple &
Noise
Efficiency
Maximum
Capacitive Load
Output
Power
Max Load
No Load
DCMJW10-12S033
12VDC
(9~18VDC)
3.3VDC
2500mA
838mA
15mA
80mVp-p
82%
4700µF
10W
DCMJW10-12S05
5VDC
2000mA
980mA
80mVp-p
85%
2200µF
DCMJW10-12S051
5.1VDC
2000mA
1000mA
100mVp-p
85%
2200µF
DCMJW10-12S12
12VDC
830mA
954mA
100mVp-p
87%
330µF
DCMJW10-12S15
15VDC
670mA
952mA
100mVp-p
88%
220µF
DCMJW10-24S033
24VDC
(18~36VDC)
3.3VDC
2500mA
414mA
12mA
80mVp-p
83%
4700µF
10W
DCMJW10-24S05
5VDC
2000mA
490mA
80mVp-p
85%
2200µF
DCMJW10-24S051
5.1VDC
2000mA
500mA
100mVp-p
85%
2200µF
DCMJW10-24S12
12VDC
830mA
472mA
100mVp-p
88%
330µF
DCMJW10-24S15
15VDC
670mA
471mA
100mVp-p
89%
220µF
DCMJW10-48S033
48VDC
(36~75VDC)
3.3VDC
2500mA
207mA
10mA
80mVp-p
83%
4700µF
10W
DCMJW10-48S05
5VDC
2000mA
242mA
80mVp-p
86%
2200µF
DCMJW10-48S051
5.1VDC
2000mA
250mA
100mVp-p
85%
2200µF
DCMJW10-48S12
12VDC
830mA
233mA
100mVp-p
89%
330µF
DCMJW10-48S15
15VDC
670mA
235mA
100mVp-p
89%
220µF
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output
Current
Input Current
Ripple &
Noise
Efficiency
Maximum
Capacitive Load(1)
Output
Power
Max Load
No Load
DCMJW10-12D05
12VDC
(9~18VDC)
±5VDC
±1000mA
992mA
15mA
100mVp-p
84%
1000#µF
10W
DCMJW10-12D12
±12VDC
±416mA
956mA
100mVp-p
87%
150#µF
DCMJW10-12D15
±15VDC
±333mA
957mA
100mVp-p
87%
100#µF
DCMJW10-24D05
24VDC
(18~36VDC)
±5VDC
±1000mA
490mA
12mA
100mVp-p
85%
1000#µF
10W
DCMJW10-24D12
±12VDC
±416mA
473mA
100mVp-p
88%
150#µF
DCMJW10-24D15
±15VDC
±333mA
468mA
100mVp-p
89%
100#µF
DCMJW10-48D05
48VDC
(36~75VDC)
±5VDC
±1000mA
242mA
10mA
100mVp-p
86%
1000#µF
10W
DCMJW10-48D12
±12VDC
±416mA
239mA
100mVp-p
87%
150#µF
DCMJW10-48D15
±15VDC
±333mA
237mA
100mVp-p
88%
100#µF


Similar Part No. - DCMJW10-24S15-HSR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10 WALL-DCMJU24D05-10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10HS WALL-DCMJU24D05-10HS Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJW10-24S15-HSR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com