Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW03-48D33SH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCSDW03-48D33SH
Description  Up to 3 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW03-48D33SH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCSDW03-48D33SH Datasheet HTML 1Page - Wall Industries,Inc. DCSDW03-48D33SH Datasheet HTML 2Page - Wall Industries,Inc. DCSDW03-48D33SH Datasheet HTML 3Page - Wall Industries,Inc. DCSDW03-48D33SH Datasheet HTML 4Page - Wall Industries,Inc. DCSDW03-48D33SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCSDW03 SERIES
Up to 3 Watts
DC/DC Converter
Single and Dual Output
9/26/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
DIP Through Hole Model
SMD Surface Mount Model
Size: 0.52in x 0.36in x 0.40in (13.2mm x 9.1mm x 10.2mm)
Size: 0.56in x 0.36in x 0.40in (14.2mm x 9.1mm x 10.2mm)
OPTIONS
FEATURES
Through Hole or Surface
Mount Models
Single or Dual Outputs
1600VDC or 3000VDC
Isolation
4:1 Ultra Wide Input Range
Ultra Small SMD or DIP Package
SMD Package Qualified for Lead-free Reflow
Solder Process According to IPC J-STD-020D
1600VDC Input to Output Isolation or 3000VDC
Optional Isolation
CE Marked
RoHS II & REACH Compliant
No Minimum Load Required
Short Circuit Protection
UL60950-1, EN60950-1, and IEC6090-1 Safety Approvals
APPLICATIONS
DESCRIPTION
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
The DCSDW03 series of DC/DC converters offers up to 3 watts of output power in a compact SMD or DIP
package. This series consists of single and dual outputs with an ultra-wide 4:1 input range. Each model in this
series is CE marked, RoHS II & REACH compliant, and protected against short circuit conditions. This series also
has UL60950-1, EN60950-1, and IEC6090-1 safety approvals. Please call factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Output Current
@Full Load
No Load Input
Current
Maximum
Capacitive Load
Efficiency
Output Power Ripple & Noise
DCSDW03-12S33
12VDC
(4.5~18VDC)
3.3VDC
700mA
35mA
4700µF
76%
Up to 3 Watts
50mVp-p
DCSDW03-12S05
5VDC
600mA
40mA
2530µF
80%
DCSDW03-12S12
12VDC
250mA
40mA
1220µF
83%
DCSDW03-12S15
15VDC
200mA
40mA
1000µF
84%
DCSDW03-12S24
24VDC
125mA
40mA
470µF
82%
DCSDW03-24S33
24VDC
(9~36VDC)
3.3VDC
700mA
20mA
4700µF
77%
Up to 3 Watts
50mVp-p
DCSDW03-24S05
5VDC
600mA
20mA
2530µF
80%
DCSDW03-24S12
12VDC
250mA
25mA
1220µF
83%
DCSDW03-24S15
15VDC
200mA
25mA
1000µF
83%
DCSDW03-24S24
24VDC
125mA
25mA
470µF
82%
DCSDW03-48S33
48VDC
(18~75VDC)
3.3VDC
700mA
12mA
4700µF
77%
Up to 3 Watts
50mVp-p
DCSDW03-48S05
5VDC
600mA
12mA
2530µF
80%
DCSDW03-48S12
12VDC
250mA
13mA
1220µF
83%
DCSDW03-48S15
15VDC
200mA
14mA
1000µF
83%
DCSDW03-48S24
24VDC
125mA
14mA
470µF
82%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
@Full Load
No Load Input
Current
Maximum
Capacitive Load
Efficiency
Output Power Ripple & Noise
DCSDW03-12D05
12VDC
(4.5~18VDC)
±5VDC
±300mA
40mA
±1470µF
80%
Up to 3 Watts
50mVp-p
DCSDW03-12D12
±12VDC
±125mA
40mA
±680µF
82%
DCSDW03-12D15
±15VDC
±100mA
40mA
±470µF
82%
DCSDW03-24D05
24VDC
(9~36VDC)
±5VDC
±300mA
25mA
±1470µF
80%
Up to 3 Watts
50mVp-p
DCSDW03-24D12
±12VDC
±125mA
25mA
±680µF
82%
DCSDW03-24D15
±15VDC
±100mA
25mA
±470µF
82%
DCSDW03-48D05
48VDC
(18~75VDC)
±5VDC
±300mA
14mA
±1470µF
80%
Up to 3 Watts
50mVp-p
DCSDW03-48D12
±12VDC
±125mA
14mA
±680µF
82%
DCSDW03-48D15
±15VDC
±100mA
14mA
±470µF
82%


Similar Part No. - DCSDW03-48D33SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW03-48D33SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com