Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDLW06-48D12 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCPDLW06-48D12
Description  6 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW06-48D12 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCPDLW06-48D12 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW06-48D12 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW06-48D12 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW06-48D12 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW06-48D12 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW06-48D12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev A
DCPDLW06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-
778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS: DCPDLW06 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without derating
Standard models
-40
+71
°C
Suffix “M” models
-40
+75
°C
Suffix “H” models
-40
+71
°C
Storage Temperature
-55
+125
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Ta = 40°C
3,381,000 hours
MIL-HDBK-217F, Ta=25°C, Full load
(G/B controlled environment)
Standard models
840,800 hours
Suffix “M” models
940,400 hours
Suffix “H” models
840,800 hours
PHYSICAL SPECIFICATIONS
Weight
Standard models
0.17oz (4.8g)
Suffix “M” models
0.21oz (5.9g)
Suffix “H” models
0.17oz (4.8g)
Dimensions (L x W x H)
Standard models
0.86x0.36x0.44 inch
(21.8x9.1x11.2 mm)
Suffix “M” models
0.86x0.36x0.44 inch
(21.8x9.1x11.2 mm)
Suffix “H” models
0.86x0.36x0.44 inch
(21.8x9.1x11.2 mm)
Case Material
Standard models
Non-conductive black plastic
Suffix “M” models
Copper
Suffix “H” models
Non-conductive black plastic
Base Material
none
Potting Material
Silicon (UL94-V0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 1)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
±8KV
±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 2)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 2)
EN61000-4-5
±2KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
DERATING CURVES
DCPDLW06-48S05 Derating Curve
DCPDLW06-48S05M Derating Curve


Similar Part No. - DCPDLW06-48D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06-48D12 WALL-DCPDLW06-48D12 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW06-48D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com