Electronic Components Datasheet Search |
|
DCMOPW10-48S05A-PT Datasheet(PDF) 3 Page - Wall Industries,Inc. |
|
DCMOPW10-48S05A-PT Datasheet(HTML) 3 Page - Wall Industries,Inc. |
3 / 5 page Rev B DCMOPW10 SERIES Up to 10 Watts Medical DC/DC Power Converters 02/03/2016 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 3 of 5 SPECIFICATIONS: DCMOPW10 SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit ENVIRONMENTAL SPECIFICATIONS Operating Ambient Temperature Without derating -40 +77 °C With derating +77 +105 Storage Temperature Range -55 +125 °C Thermal Impedance Natural convection (20LFM) 18 °C/W Relative Humidity 5 95 % RH Thermal Shock MIL-STD-810F Vibration MIL-STD-810F MTBF MIL-HDBK-217F Full load 3,849,000 hours PHYSICAL SPECIFICATIONS Weight 0.48oz (14g) Dimensions (L x W x H) 1.25x0.80x0.40 inches (31.8x20.3x10.2mm) Case Material Non-conductive black plastic Base Material Non-conductive black plastic Potting Material Silicon (UL94-V0) SAFETY & EMC CHARACTERISTICS Safety Approvals (pending) ANSI/AAMI ES60601-1, IEC60601-1, EN60601-1, UL60950-1, EN60950-1, IEC60950-1 EMI (See Note 2) EN55011, EN55022, and FCC Part 18 Class A, Class B ESD EN61000-4-2 Air ±8kV Contact ±6kV Perf. Criteria A Radiated Immunity EN61000-4-3 10 V/m Perf. Criteria A Fast Transient (See Note 3) EN61000-4-4 ±2kV Perf. Criteria A Surge (See Note 3) EN61000-4-5 ±2kV Perf. Criteria A Conducted Immunity EN61000-4-6 10 Vrms Perf. Criteria A Power Frequency Magnetic Field EN61000-4-8 100A/m continuous; 1000A/m 1 second Perf. Criteria A NOTES 1. The “x” in the model number represents the Pin Connection type. It can be “A” for pin connection type A or “B” for pin connection type B. See mechanical drawings on page 4 for more information. 2. The DCMOPW10 series meets EMI Class A without an external filter added. This series can only meet EMI Class B with external components added. Please contact factory for more information. 3. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. • For 24VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 470µF/50V) in parallel. • For 48VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 330µF/100V) in parallel. 4. Remote ON/OFF control is optional and is only available for “B” type pin connection models. To order the converter with remote ON/OFF add the suffix “-P” to the model number (Ex: DCMOPW10-48S12B-P). 5. Trim function is optional and is only available for “B” type pin connection models. To order the converter with Trim pin add the suffix “-T” to the model number (Ex: DCMOPW10-48S12B-T). CAUTION: This power module is not internally fused. An input line fuse must always be used. *Due to advances in technology, specifications subject to change without notice. |
Similar Part No. - DCMOPW10-48S05A-PT |
|
Similar Description - DCMOPW10-48S05A-PT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |