Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBW2448S2.5-2500R Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # CBW2448S2.5-2500R
Description  Up to 30 Watts, DC/DC Power Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW2448S2.5-2500R Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button CBW2448S2.5-2500R Datasheet HTML 7Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 8Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 9Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 10Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 11Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 12Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 13Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 14Page - Wall Industries,Inc. CBW2448S2.5-2500R Datasheet HTML 15Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 11 of 34
CHARACTERISTIC CURVES
*Curves for CBW48D15-1000. All test conditions are at 25ºC.
Efficiency vs. Output Load
Efficiency vs. Input Voltage, Full Load
Power Dissipation vs. Output Load
Derating Output Load vs. Ambient Temp. & Airflow Vin=Vin(nom)
Typ. Output Ripple & Noise, Vin=Vin(nom), Full Load
Transient Response to Dynamic Load Change
from 100% to 75% to 100% of Full Load, Vin=Vin(nom)
Typical Input Start-Up & Output Rise Characteristic
Vin=Vin(nom), Full Load
Using ON/OFF Voltage Start-Up and Vout Rise Characteristic
Vin=Vin(nom), Full Load


Similar Part No. - CBW2448S2.5-2500R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CBWCFA1115533290653 BOOKHAM-CBWCFA1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1215533290653 BOOKHAM-CBWCFA1215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1315533290653 BOOKHAM-CBWCFA1315533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2115533290653 BOOKHAM-CBWCFA2115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2215533290653 BOOKHAM-CBWCFA2215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
More results

Similar Description - CBW2448S2.5-2500R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com