Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPSD12-5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPSD12-5
Description  8 Watts Non-Isolated In Car DC/DC Supply Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSD12-5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPSD12-5 Datasheet HTML 1Page - Wall Industries,Inc. DCPSD12-5 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev B
DCPSD12 SERIES
8 Watts
Non-Isolated In Car DC/DC Supply
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 2
Size: 3.52in x 1.51in x 1.20in (89.3mm x 38.4mm x 30.5mm)
FEATURES
Single Output
Up to 8 Watts of Output Power
11 to 15VDC Input Voltage Range
Compact Package
Optional Input and Output Connectors
High Efficiency and Reliability
Weight 2.5~3.5oz (70~100g)
Dimensions: 3.52in x 1.51in x 1.20in
DESCRIPTION
The DCPSD12 series of non-isolated in car DC/DC supplies offers up to 8 watts of
output power in a 3.52in x 1.51in x 1.20in compact package. This series consists
of single output models with an input voltage range of 11 to 15VDC. Each model
has high efficiency and high reliability and optional input and output connectors are
available. Please contact factory for further information.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage Range(1)
Output Current
Output Power
Min Load
Max Load
DCPSD12-1
11-15VDC
5~6VDC
0.83A
1.00A
5W
DCPSD12-1-1
6~8VDC
0.75A
1.00A
6W
DCPSD12-2
8~10VDC
0.72A
1.00A
8W
DCPSD12-4
13~16VDC
0.50A
0.61A
8W
DCPSD12-5
16~21VDC
0.38A
0.50A
8W
DCPSD12-6
21~27VDC
0.29A
0.38A
8W
DCPSD12-7
27~33VDC
0.24A
0.29A
8W
DCPSD12-8
33~48VDC
0.16A
0.24A
8W
NOTES
1.
Output voltage is specified as a range. The output voltage can be set at any voltage within its specified range. User must specify what they would
like the voltage set at.
2.
Optional input and output connectors available, please call factory for details.
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS


Similar Part No. - DCPSD12-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD25 WALL-DCPSD25 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD25-1 WALL-DCPSD25-1 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD25-1-1 WALL-DCPSD25-1-1 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD25-2 WALL-DCPSD25-2 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD25-4 WALL-DCPSD25-4 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
More results

Similar Description - DCPSD12-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD25 WALL-DCPSD25 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD40 WALL-DCPSD40 Datasheet
116Kb / 2P
   25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD60 WALL-DCPSD60 Datasheet
108Kb / 2P
   25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
   100 Watts Isolated DC/DC Converter Single Output
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Mean Well Enterprises C...
NID30 MEANWELL-NID30 Datasheet
217Kb / 1P
   12.5~30W DC-DC Non-isolated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com