Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMJW10-24D12 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMJW10-24D12
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJW10-24D12 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMJW10-24D12 Datasheet HTML 1Page - Wall Industries,Inc. DCMJW10-24D12 Datasheet HTML 2Page - Wall Industries,Inc. DCMJW10-24D12 Datasheet HTML 3Page - Wall Industries,Inc. DCMJW10-24D12 Datasheet HTML 4Page - Wall Industries,Inc. DCMJW10-24D12 Datasheet HTML 5Page - Wall Industries,Inc. DCMJW10-24D12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev B
DCMJW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
PHYSICAL SPECIFICATIONS
Weight
Standard
0.53oz (15g)
Heatsink Attachment
0.070oz (2g)
Dimensions (L x W x H)
Standard
1in x 1in x 0.4in
(25.4mm x 25.4mm x 10.16mm)
Heatsink
1.22in x 1in x 0.77in
(31mm x 25.4mm x 19.5mm)
Case Material
Aluminum Alloy, Black Anodized Coating
Base Material
FR4 PCB (Flammability to 94V-0 Rated)
Pin Material
Tinned Copper
Heatsink Material
Aluminum
Heatsink Finish
Anodic Treatment (black)
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 Recognition (CSA Certificate)
IEC/EN 60950-1 (CB-Report)
EMI
EN55032, FCC Part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient
EN61000-4-4 ±2kV(6)
A
Surge
EN61000-4-5 ±1kV(6)
A
Conducted Immunity
EN61000-4-6 10Vrms
A
NOTES
1.
# for each output.
2.
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3.
It is recommended to protect the converter by a fast blow fuse in the input supply line.
4.
Other input and output voltages may be available, please contact factory.
5.
Natural Convection is about 20LFM but is not equal to still air (0 LFM).
6.
To meet EN61000-4-4 & EN61000-4-5, an external capacitor across the input pins is required. Suggested capacitor: 330µF/80V
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
Derating Curve without Heatsink
Derating Curve with Heatsink


Similar Part No. - DCMJW10-24D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10 WALL-DCMJU24D05-10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU24D05-10HS WALL-DCMJU24D05-10HS Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJW10-24D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com