Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMJU24S3.3-10HS Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMJU24S3.3-10HS
Description  10 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJU24S3.3-10HS Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMJU24S3.3-10HS Datasheet HTML 1Page - Wall Industries,Inc. DCMJU24S3.3-10HS Datasheet HTML 2Page - Wall Industries,Inc. DCMJU24S3.3-10HS Datasheet HTML 3Page - Wall Industries,Inc. DCMJU24S3.3-10HS Datasheet HTML 4Page - Wall Industries,Inc. DCMJU24S3.3-10HS Datasheet HTML 5Page - Wall Industries,Inc. DCMJU24S3.3-10HS Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev B
DCMJU10 SERIES
10 Watt DC/DC Power Converters
05/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
DERATING CURVES
Derating Curve without Heatsink
Derating Curve with Heatsink
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin and off during a logic low.
To turn the module on and off, the user must supply a switch to control the voltage between the on/off terminal and the –Vin
terminal. The switch can be an open collector or equivalent. A logic low is 0V to 1V. A logic high is 2.5V to 50V. The maximum
sink current at on/off terminal during a logic low is -500µA. The maximum allowable leakage current of the switch at on/off
terminal (2.5V to 50V) is 500µA.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure overload for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current
control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at
the input to ensure startup.
A Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality
low Equivalent Series Resistance (ESR < 1
.0Ω at 100KHz) capacitor of 6.8µF for the 24V and 48V devices.
Maximum Capacitive Load
The DCMJU10 series has a limitation of maximum connected capacitance on the output. The power module may be
operated in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can
be found in the model selection table.


Similar Part No. - DCMJU24S3.3-10HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU24S33-10 WALL-DCMJU24S33-10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJU24S3.3-10HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com