Electronic Components Datasheet Search |
|
DCMPP06-12S05x Datasheet(PDF) 2 Page - Wall Industries,Inc. |
|
DCMPP06-12S05x Datasheet(HTML) 2 Page - Wall Industries,Inc. |
2 / 5 page Rev C DCMPP06 SERIES 6 Watt Medical DC/DC Power Converters 02/04/2016 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 2 of 5 TECHNICAL SPECIFICATIONS: DCMPP06 SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit INPUT SPECIFICATIONS Input Voltage Range 5VDC nominal input models 4.5 5 9 VDC 12VDC nominal input models 9 12 18 24VDC nominal input models 18 24 36 48VDC nominal input models 36 48 75 Start-Up Voltage 5VDC nominal input models 4.5 VDC 12VDC nominal input models 9 24VDC nominal input models 18 48VDC nominal input models 36 Shutdown Voltage 5VDC nominal input models 4 VDC 12VDC nominal input models 8 24VDC nominal input models 16 48VDC nominal input models 33 Input Surge Voltage (3sec, max.) 5VDC nominal input models 16 VDC 12VDC nominal input models 25 24VDC nominal input models 50 48VDC nominal input models 100 Input Current No Load See Table Input Filter Pi type Remote ON/OFF Control (Only for “B” type pin connection models) Referenced to –INPUT pin DC/DC ON Open or 0 ~ 1.2VDC DC/DC OFF 2.2 ~ 12 VDC Input Current of CTRL Pin Nominal Vin -0.5 1 mA Remote OFF Input Current Nominal Vin 2.5 mA OUTPUT SPECIFICATIONS Output Voltage See Table Voltage Accuracy -1.0 +1.0 % Line Regulation Low line to high line at full load Single Output Models -0.2 +0.2 % Dual Output Models -0.5 +0.5 Load Regulation No load to full load Single Output Models -0.2 +0.2 % Dual Output Models -1.0 +1.0 Cross Regulation Asymmetrical load 25%/100% FL Dual Output Models -5.0 +5.0 % Voltage Adjustability (Only for “B” type pin connection models) Single Output Models 3.3V, 5V, 12V Output Models -10 +10 % 15V, 24V Output Models -10 +20 Dual Output Models ±5V, ±12V, ±15V Output Models -10 +10 % Output Power See Table Output Current See Table Maximum Capacitive Load Minimum input and constant resistive load See Table Ripple & Noise (20MHz BW) Measured with a 10µF/25V X7R MLCC 3.3V, 5V Output Models 30 mVp-p Measured with a 10µF/25V X7R MLCC 12V, 15V Output Models 40 Measured with a 4.7µF/50V X7R MLCC 24V Output Models 50 Transient Response Recovery Time 25% load step change 250 µs Start-Up Time Constant resistive load Power Up 30 ms Remote On/Off 30 Temperature Coefficient -0.02 +0.02 %/°C PROTECTION Short Circuit Protection Continuous, automatic recovery Over Load Protection % of rated Iout; hiccup mode 150 % Over Voltage Protection Continuous clamp Single Output Models 3.3V Output Models 3.7 5 VDC 5V Output Models 5.6 7.0 12V Output Models 13.5 16 15V Outputs Models 18.3 22.0 24V Output Models 29.1 34.5 Dual Output Models 5V Output Models 5.6 7.0 12V Output Models 13.5 18.2 15V Outputs Models 17.0 22.0 |
Similar Part No. - DCMPP06-12S05x |
|
Similar Description - DCMPP06-12S05x |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |