Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBW48T512-30 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CBW48T512-30
Description  Up to 30 Watts, DC/DC Power Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW48T512-30 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CBW48T512-30 Datasheet HTML 1Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 2Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 3Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 4Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 5Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 6Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 7Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 8Page - Wall Industries,Inc. CBW48T512-30 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 34
Size:
Weight:
2.00 x 1.00 x 0.40 inches
1.07oz (30.5g)
50.8 x 25.4 x 10.2 mm
Options:
Negative Logic Remote On/Off
Heatsink
FEATURES
High Efficiency up to 91%
Remote ON/OFF Control
1600VDC I/O Isolation
Six-Sided Continuous Shielding
Single, Dual, and Triple Outputs
Fixed Switching Frequency
4:1 Ultra Wide Input Voltage Ranges
Protection: SCP / OVP / OLP / OTP
Up to 30 Watts Output Power
Standard 2.00” x 1.00” x 0.40” Package
Wide Operating Temperature Range: -40°C to +85°C
Compliant to RoHS EU Directive 2011/65/EU
UL60950-1, EN60950-1, & IEC60950-1 Safety
Approvals
CE Marked
DESCRIPTION
The CBW series of DC/DC power converters offers up to 30 Watts of output power in an industry
standard 2.00” x 1.00” x 0.40” package. This series has single, dual, and triple output models with 4:1
ultra wide input voltage ranges of 9-36VDC and 18-75VDC. Some features include high efficiency up to
91%, 1600VDC I/O isolation, six-sided shielding, and remote ON/OFF control. These converters are
also protected against short circuit, over voltage, over load, and over temperature conditions. All
models are RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. This
series is best suited for use in wireless networks, telecom/datacom, industry control systems,
measurement equipment, and semiconductor equipment.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
No Load
Input Current
Ripple &
Noise
Output
Power
Maximum
Capacitive Load
Efficiency
Min. load
Full load
CBW24S1.5-8500
24 VDC
(9 - 36
VDC)
1.5 VDC
0mA
8500mA
70mA
100mVp-p
12.75W
20000µF
80%
CBW24S2.5-8000
2.5 VDC
0mA
8000mA
70mA
100mVp-p
20W
20000µF
83%
CBW24S3.3-7500
3.3 VDC
0mA
7500mA
70mA
100mVp-p
24.75W
20000µF
86%
CBW24S5-6000
5 VDC
0mA
6000mA
105mA
100mVp-p
30W
14400µF
88%
CBW24S5.1-6000
5.1 VDC
0mA
6000mA
105mA
100mVp-p
30.6W
14400µF
88%
CBW24S12-2500
12 VDC
0mA
2500mA
20mA
150mVp-p
30W
3000µF
89%
CBW24S15-2000
15 VDC
0mA
2000mA
30mA
150mVp-p
30W
2000µF
89%
CBW48S1.5-8500
48 VDC
(18 - 75
VDC)
1.5 VDC
0mA
8500mA
30mA
100mVp-p
12.75W
20000µF
80%
CBW48S2.5-8000
2.5 VDC
0mA
8000mA
45mA
100mVp-p
20W
20000µF
84%
CBW48S3.3-7500
3.3 VDC
0mA
7500mA
45mA
100mVp-p
24.75W
20000µF
86%
CBW48S5-6000
5 VDC
0mA
6000mA
65mA
100mVp-p
30W
14400µF
88%
CBW48S5.1-6000
5.1 VDC
0mA
6000mA
65mA
100mVp-p
30.6W
14400µF
88%
CBW48S12-2500
12 VDC
0mA
2500mA
60mA
150mVp-p
30W
3000µF
90%
CBW48S15-2000
15 VDC
0mA
2000mA
50mA
150mVp-p
30W
2000µF
91%
DUAL OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
No Load
Input Current
Ripple &
Noise
Output
Power
Maximum
Capacitive Load
Efficiency
Min. load
Full load
CBW24D5-3000
24 VDC
(9 - 36
VDC)
±5 VDC
0mA
±3000mA
90mA
100mVp-p
30W
±3000µF
88%
CBW24D12-1250
±12 VDC
0mA
±1250mA
25mA
150mVp-p
30W
±2000µF
87%
CBW24D15-1000
±15 VDC
0mA
±1000mA
25mA
150mVp-p
30W
±1300µF
87%
CBW48D5-3000
48 VDC
(18 - 75
VDC)
±5 VDC
0mA
±3000mA
50mA
100mVp-p
30W
±3000µF
88%
CBW48D12-1250
±12 VDC
0mA
±1250mA
15mA
150mVp-p
30W
±2000µF
88%
CBW48D15-1000
±15 VDC
0mA
±1000mA
15mA
150mVp-p
30W
±1300µF
88%
TRIPLE OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
No Load
Input Current
Ripple &
Noise
Output
Power
Maximum
Capacitive Load
Efficiency
Min. load
Full load
CBW24T3.312-26
24 VDC
(9 - 36
VDC)
3.3 / ±12 VDC 500mA / ±42mA 5000mA / ±416mA
105mA
50 / 75 mVp-p 26.5W
15000µF / ±340µF
87%
CBW24T3.315-26
3.3 / ±15 VDC 500mA / ±33mA 5000mA / ±333mA
105mA
50 / 75 mVp-p 26.5W
15000µF / ±220µF
87%
CBW24T512-30
5 / ±12 VDC 400mA / ±42mA 4000mA / ±416mA
105mA
50 / 75 mVp-p
30W
8000µF / ±340µF
88%
CBW24T515-30
5 / ±15 VDC 400mA / ±33mA 4000mA / ±333mA
105mA
50 / 75 mVp-p
30W
8000µF / ±220µF
88%
CBW48T3.312-26
48 VDC
(18 - 75
VDC)
3.3 / ±12 VDC 500mA / ±42mA 5000mA / ±416mA
55mA
50 / 75 mVp-p 26.5W
15000µF / ±340µF
87%
CBW48T3.315-26
3.3 / ±15 VDC 500mA / ±33mA 5000mA / ±333mA
55mA
50 / 75 mVp-p 26.5W
15000µF / ±220µF
87%
CBW48T512-30
5 / ±12 VDC 400mA / ±42mA 4000mA / ±416mA
55mA
50 / 75 mVp-p
30W
8000µF / ±340µF
88%
CBW48T515-30
5 / ±15 VDC 400mA / ±33mA 4000mA / ±333mA
55mA
50 / 75 mVp-p
30W
8000µF / ±220µF
88%


Similar Part No. - CBW48T512-30

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CBWCFA1115533290653 BOOKHAM-CBWCFA1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1215533290653 BOOKHAM-CBWCFA1215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA1315533290653 BOOKHAM-CBWCFA1315533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2115533290653 BOOKHAM-CBWCFA2115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
CBWCFA2215533290653 BOOKHAM-CBWCFA2215533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
More results

Similar Description - CBW48T512-30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com