Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDB48S15-40 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMDB48S15-40
Description  40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDB48S15-40 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMDB48S15-40 Datasheet HTML 1Page - Wall Industries,Inc. CMDB48S15-40 Datasheet HTML 2Page - Wall Industries,Inc. CMDB48S15-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDB Series
40 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
FEATURES
● High Efficiency up to 90%
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 2:1 Wide Input Voltage Range
● International Safety Standard Approval
● Call Factory for More Output Power Options
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMDB Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input .......................... 9-18VDC
24V nominal input ........................ 18-36VDC
48V nominal input ........................ 36-75VDC
Under Voltage Lockout
12V nominal input............. DC-DC ON...........................................9VDC
DC-DC OFF .........................................8VDC
24V nominal input............. DC-DC ON......................................17.8VDC
DC-DC OFF .......................................16VDC
48V nominal input............. DC-DC ON.........................................36VDC
DC-DC OFF .......................................34VDC
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ............... 12V input ...................36VDC
24V input ...................50VDC
48V input .................100VDC
Input Reflected Ripple Current (nominal Vin and FL) ...................40mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up..................................................................................25ms typ.
Remote ON/OFF ......................................................................25ms typ.
Remote ON/OFF (See Note 1)
DC-DC ON .......................................................Open or 3.5V < Vr < 12V
DC-DC OFF........................................................Short or 0V < Vr < 1.2V
Remote Off Input Current (nominal Vin) ...........................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nom Vin and full load) ........................................... ±1%
Voltage Adjustability (See Note 1) ..................................................... ±10%
Output Current ..............................................................................see table
Output Power ........................................................................ 40 watts max.
Line Regulation (LL to HL at FL)...................................................... ±0.5%
Load Regulation (10% to 100% FL)................................................. ±0.5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20MHz BW) ............................................................see table
Transient Response Recovery Time (25% load step change)...........250us
PROTECTION SPECIFICATIONS
Over Voltage Protection....................... 1.5V Output ........................... 3.9V
(Zener diode clamp)
1.8V Output ........................... 3.9V
2.5V Output ........................... 3.9V
3.3V Output ........................... 3.9V
5V Output .............................. 6.2V
12V Output ............................. 15V
15V Output ............................. 18V
Over Load Protection (% of FL at nominal input)...................... 150% max.
Short Circuit Protection ....................................Hiccup, automatic recovery
Over Temperature Protection .................................................... 115°C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................300KHz typ.
Isolation Voltage
Input to Output ................................................................... 1600VDC min.
Input to Case ..................................................................... 1600VDC min.
Output to Case................................................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance .............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C to +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ........................................................... +100°C
Relative Humidity...................................................................5% to 95% RH
Temperature Coefficient ................................................... ±0.02% / °C max.
Thermal Impedance (See Note 6)
Natural Convection ............................................................ 9.2°C / Watt
Heat-Sink with 20LFM ......................................................... 7.6°C/Watt
Heat-Sink with 500LFM ....................................................... 2.8°C/Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 2) .............................................................. 1.398 x 10
6 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter............................................... six – sided
Weight ...........................................................................Approximately 7 oz.
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
Conducted Emissions................. EN55022 ...................................... Class A
Radiated Emissions.................... EN55022 ...................................... Class A
ESD ............................................ EN61000-4-2.....................Perf. Criteria B
Radiated Immunity...................... EN61000-4-3..................... Perf. Criteria A
Fast Transient............................. EN61000-4-4.....................Perf. Criteria B
Surge .......................................... EN61000-4-5.....................Perf. Criteria B
Conducted Immunity
EN61000-4-6.................... Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
UL E155800
TUV
CB
CE MARK


Similar Part No. - CMDB48S15-40

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMDBIW-X PANDUIT-CMDBIW-X Datasheet
159Kb / 1P
   Mini-Com짰 15-Pin High-Density D-Subminiature Module
CMDBLSCBL PANDUIT-CMDBLSCBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
CMDBUSCZBU PANDUIT-CMDBUSCZBU Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
logo
Wall Industries,Inc.
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
CMDBW24S12-40 WALL-CMDBW24S12-40 Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - CMDB48S15-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
   20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
DB12S15-12 WALL-DB12S15-12 Datasheet
193Kb / 4P
   2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com