Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDB48S5-40 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMDB48S5-40
Description  40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDB48S5-40 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMDB48S5-40 Datasheet HTML 1Page - Wall Industries,Inc. CMDB48S5-40 Datasheet HTML 2Page - Wall Industries,Inc. CMDB48S5-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDB Series
40 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Range
Output
Voltage
Output
Current
Output
Ripple & Noise
Input Current
(4)
Efficiency
(5)
Max Capacitive
(6)
Load
CMDB12S1.5-12
1.5 VDC
8000mA
50mVp-p
1250mA
84%
45000µF
CMDB12S1.8-14
1.8 VDC
8000mA
50mVp-p
1538mA
82%
37700µF
CMDB12S2.5-20
2.5 VDC
8000mA
50mVp-p
2083mA
84%
27000µF
CMDB12S3.3-26
3.3 VDC
8000mA
50mVp-p
2683mA
86%
21000µF
CMDB12S5-40
5 VDC
8000mA
50mVp-p
4065mA
86%
13600µF
CMDB12S12-40
12 VDC
3333mA
75mVp-p
4065mA
86%
2360µF
CMDB12S15-40
12VDC
(9 – 18 VDC)
15 VDC
2666mA
75mVp-p
4015mA
87%
1510µF
CMDB24S1.5-12
1.5 VDC
8000mA
50mVp-p
649mA
81%
45000µF
CMDB24S1.8-14
1.8 VDC
8000mA
50mVp-p
759mA
83%
37700µF
CMDB24S2.5-20
2.5 VDC
8000mA
50mVp-p
1016mA
86%
27000µF
CMDB24S3.3-26
3.3 VDC
8000mA
50mVp-p
1325mA
87%
21000µF
CMDB24S5-40
5 VDC
8000mA
50mVp-p
1961mA
89%
13600µF
CMDB24S12-40
12 VDC
3333mA
75mVp-p
2048mA
88%
2360µF
CMDB24S15-40
24VDC
(18 – 36 VDC)
15 VDC
2666mA
75mVp-p
1985mA
89%
1510µF
CMDB48S1.5-12
1.5 VDC
8000mA
50mVp-p
321mA
82%
45000µF
CMDB48S1.8-14
1.8 VDC
8000mA
50mVp-p
375mA
84%
37700µF
CMDB48S2.5-20
2.5 VDC
8000mA
50mVp-p
508mA
86%
27000µF
CMDB48S3.3-26
3.3 VDC
8000mA
50mVp-p
655mA
88%
21000µF
CMDB48S5-40
5 VDC
8000mA
50mVp-p
969mA
90%
13600µF
CMDB48S12-40
12 VDC
3333mA
75mVp-p
1000mA
89%
2360µF
CMDB48S15-40
48VDC
(36 – 75 VDC)
15 VDC
2666mA
75mVp-p
992mA
89%
1510µF
NOTES
1. The ON/OFF control pin voltage is referenced to the negative input.
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
3. Heat sink is optional. Please call factory for ordering details.
4. Maximum value at nominal input voltage and full load.
5. Typical value at nominal input voltage and full load.
6. Test at minimum Vin and constant resistive load.
7. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES & EFFICIENCY GRAPHS


Similar Part No. - CMDB48S5-40

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMDBIW-X PANDUIT-CMDBIW-X Datasheet
159Kb / 1P
   Mini-Com짰 15-Pin High-Density D-Subminiature Module
CMDBLSCBL PANDUIT-CMDBLSCBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
CMDBUSCZBU PANDUIT-CMDBUSCZBU Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
logo
Wall Industries,Inc.
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
CMDBW24S12-40 WALL-CMDBW24S12-40 Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - CMDB48S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
   20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
DB12S15-12 WALL-DB12S15-12 Datasheet
193Kb / 4P
   2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com