Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMIE06-48S12HI Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMIE06-48S12HI
Description  6 Watts DC/DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMIE06-48S12HI Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMIE06-48S12HI Datasheet HTML 1Page - Wall Industries,Inc. DCMIE06-48S12HI Datasheet HTML 2Page - Wall Industries,Inc. DCMIE06-48S12HI Datasheet HTML 3Page - Wall Industries,Inc. DCMIE06-48S12HI Datasheet HTML 4Page - Wall Industries,Inc. DCMIE06-48S12HI Datasheet HTML 5Page - Wall Industries,Inc. DCMIE06-48S12HI Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev B
DCMIE06-HI SERIES
6 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
SAFETY CHARACTERISTICS
Safety Approvals (Pending)
UL/cUL 60950-1 recognition (UL Certificate), IEC/EN 60950-1 (CB-report)
UL/cUL 62368-1 recognition (UL certificate), IEC/EN 62368-1 (CB-report)
EMI
Conduction
EN55032/22, FCC Part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ±8KV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient
EN61000-4-4 ±2kV(6)
A
Surge
EN61000-4-5 ±2kV(6)
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 3A/m
A
NOTES
1.
# for each output.
2.
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
4.
Other input and output voltages may be available, please contact factory.
5.
“Natural Convection” is about 20LFM but is not equal to still air (0 LFM)
6.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required.
-Suggested Capacitors:
-12V Input Models: CHEMI-CON KY Series 470µF/100V
-24V Input Models: CHEMI-CON KY Series 330µF/100V
-48V Input Models: CHEMI-CON KY Series 220µF/100V
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES


Similar Part No. - DCMIE06-48S12HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIE03-05D12HI WALL-DCMIE03-05D12HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-05D15HI WALL-DCMIE03-05D15HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-05S05HI WALL-DCMIE03-05S05HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-05S12HI WALL-DCMIE03-05S12HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-05S15HI WALL-DCMIE03-05S15HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMIE06-48S12HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com