Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCBUB12-48D12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCBUB12-48D12
Description  Up to 12 Watts DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBUB12-48D12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCBUB12-48D12 Datasheet HTML 1Page - Wall Industries,Inc. DCBUB12-48D12 Datasheet HTML 2Page - Wall Industries,Inc. DCBUB12-48D12 Datasheet HTML 3Page - Wall Industries,Inc. DCBUB12-48D12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev B
DCBUB12 SERIES
Up to 12 Watts DC/DC Power Converters
01/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: DCBUB12 SERIES
All specifications are based on 25°C, nominal input voltage, and maximum output current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Input Surge Voltage (100ms max)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
Input Reflected Ripple Current
Nominal Vin and full load
186
mAp-p
Input Current
See Table
Input Filter
Pi Type
Remote On/Off
Converter ON
Open or 3.5V < Vr < 12V
Converter OFF
Short to -Vin (Pin 2) or 0V < Vr < 1.2V
Sourcing Current of Remote Control Pin
Nominal Vin
0.2
mA
Idle Input Current (at Remote OFF State)
Nominal Vin
3
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load and nominal Vin
-1
+1
%
Output Current
See Table
Minimum Load
See Table
Maximum Capacitive Load
See Table
Start-up Time
Nominal Vin and constant resistive load
350
ms
Line Regulation
LL to HL at full load
-0.5
+0.5
%
Load Regulation
Single output models
25% load to full load
-0.5
+0.5
%
Dual output models
Balanced output
-0.5
+0.5
Unbalanced load 25% to full
load
-5
+5
Output Power
12
W
Ripple & Noise
20MHz bandwidth
75
mVp-p
Temperature Coefficient
±0.02
%/°C
Transient Response Overshoot
di/dt=0.8A/µs
±5
% of Vo
Transient Response Settling Time
50% load step change
300
µs
PROTECTION
Over Voltage Protection
3.3VDC output
models
Zener Diode Clamp
3.9
VDC
5VDC output models
6.2
12VDC output models
15
15VDC output models
18
Short Circuit Protection
continuous, automatic recovery
Over Load Protection
% of full load at nominal input
150
%
GENERAL SPECIFICATIONS
Efficiency
Nominal input
See Table
Isolation Voltage (Input to Output)
Input to Output
1500
VDC
Isolation Resistance (Input to Output)
500VDC
1
Isolation Capacitance
220
pF
Switching Frequency
300
KHz
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+85
°C
Maximum Case Surface Temperature
+100
°C
Storage Temperature
-55
+105
°C
Relative Humidity
5
95
% RH
Cooling
Free air convection
MTBF
1,960,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Nickel-coated copper
Base Material
Non-conductive black plastic
Potting Material
Silicon rubber (UL94V-0)
Weight
1.06oz (30g)
Dimensions (L x W x H)
2.0 x 1.0 x 0.4 inches (50.8 x 25.4 x 10.2
mm)


Similar Part No. - DCBUB12-48D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBUB12-48D12 WALL-DCBUB12-48D12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results

Similar Description - DCBUB12-48D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com