Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCBUB12-48S33 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCBUB12-48S33
Description  Up to 12 Watts DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBUB12-48S33 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCBUB12-48S33 Datasheet HTML 1Page - Wall Industries,Inc. DCBUB12-48S33 Datasheet HTML 2Page - Wall Industries,Inc. DCBUB12-48S33 Datasheet HTML 3Page - Wall Industries,Inc. DCBUB12-48S33 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev B
DCBUB12 SERIES
Up to 12 Watts DC/DC Power Converters
01/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
2.0 x 1.0 x 0.4 inches
50.8 x 25.4 x 10.2 mm
APPLICATIONS
Battery Operated Equipment
Telecom
Industry Control Systems
Wireless Networks
Measurement Equipment
FEATURES
Single and Dual Outputs
Up to 12 Watts Output Power
Remote On/Off Control
1500VDC I/O Isolation
High Efficiency up to 87%
Lead Free Design, RoHS
Compliant
Free Air Convection
4:1 Input Voltage Ranges: 9-36VDC and 18-
75VDC
Shielded Metal Case with Insulated Base-plate
-40°C to +85°C Operating Temperature Range
Industry Standard 2.0” x 1.0” x 0.4” DIP Package
Short Circuit, Over Voltage, and Over Load
Protection
Custom Designs Available
DESCRIPTION
The DCBUB12 series of isolated DC/DC power converters provides up to 12 Watts of
continuous output power in a 2.0” x 1.0” x 0.4” shielded metal case. This series consists of
single and dual output models with 4:1 input voltage ranges of 9-36VDC and 18~75VDC.
Some features include high efficiency up to 87%, 1500VDC I/O isolation, remote on/off
control, and -40°C to +85°C operating temperature range. The DCBUB12 series is RoHS
compliant and has short circuit, over load, and over voltage protection. These converters
are best suited for use in battery operated equipment, measurement equipment, telecom,
wireless networks, industry control systems, and anywhere where isolated, tightly
regulated voltages and compact size are required.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load (1)
Full Load
No Load
Full Load
DCBUB12-24S33
24 VDC
(9 – 36
VDC)
3.3 VDC
203mA
2400mA
5.4mA
438mA
8W
80%
8260µF
DCBUB12-24S05
5 VDC
73mA
2000mA
6.3mA
543mA
10W
81%
8800µF
DCBUB12-24S12
12 VDC
0mA
1000mA
14.2mA
615mA
12W
85%
530µF
DCBUB12-24S15
15 VDC
18mA
800mA
9.1mA
613mA
12W
86%
347µF
DCBUB12-48S33
48 VDC
(18 – 75
VDC)
3.3 VDC
243mA
2400mA
3.6mA
221mA
8W
80%
10550µF
DCBUB12-48S05
5 VDC
89mA
2000mA
5.6mA
269mA
10W
81%
13720µF
DCBUB12-48S12
12 VDC
33mA
1000mA
6.6mA
303mA
12W
87%
730µF
DCBUB12-48S15
15 VDC
18mA
800mA
5.6mA
303mA
12W
87%
330µF
DUAL OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load (1)
Full Load
No Load
Full Load
DCBUB12-24D05
24 VDC
(9 – 36
VDC)
±5 VDC
33mA
±1000mA
7.5mA
531mA
10W
83%
±1800µF
DCBUB12-24D12
±12 VDC
13mA
±500mA
13.4mA
606mA
12W
87%
±200µF
DCBUB12-24D15
±15 VDC
9mA
±400mA
9.9mA
612mA
12W
86%
±147µF
DCBUB12-48D05
48 VDC
(18 – 75
VDC)
±5 VDC
33mA
±1000mA
5.3mA
261mA
10W
84%
±2600µF
DCBUB12-48D12
±12 VDC
18mA
±500mA
7mA
302mA
12W
87%
±270µF
DCBUB12-48D15
±15 VDC
9mA
±400mA
6.2mA
304mA
12W
86%
±147µF
NOTES
1. Output current under this value will not damage these devices; however, they may not meet all listed specifications.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCBUB12-48S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBUB12-48S33 WALL-DCBUB12-48S33 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results

Similar Description - DCBUB12-48S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com