Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHAA12S12-6H Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHAA12S12-6H
Description  5~6 Watt DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHAA12S12-6H Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHAA12S12-6H Datasheet HTML 1Page - Wall Industries,Inc. DCHAA12S12-6H Datasheet HTML 2Page - Wall Industries,Inc. DCHAA12S12-6H Datasheet HTML 3Page - Wall Industries,Inc. DCHAA12S12-6H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev B
DCHAA SERIES
5~6 Watt DC/DC Power Converters
01/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
1.25 x 0.80 x 0.50 inches
31.7 x 20.3 x 12.65 mm
APPLICATIONS
• Battery Operated Equipment
• Telecom
• Industry Control Systems
• Wireless Networks
• Measurement Equipment
FEATURES
• 2:1 Wide Input Voltage Ranges
• 5~6 Watts Output Power
• RoHS Compliant
• No Minimum Load
Requirement
• Single and Dual Outputs
• High Efficiency up to 85%
• -40°C to +85°C Operating Temperature Range
• 4000VACrms I/O Isolation Voltage
• 6000Vpk Isolation Test Voltage
• Short Circuit Protection: Continuous & Auto-
Recovery
• Over Voltage Protection: Clamp Mode
• 24-Pin DIP Package with Industry-Standard Footprint
DESCRIPTION
The DCHAA series of DC/DC power converters provides up to 6 Watts of continuous
output power in a 1.25” x 0.80” x 0.50” 24-pin DIP package. This series consists of single
and dual output models with 2:1 input voltage ranges of 9~18VDC, 18~36VDC, and
36~75VDC. Some features include high efficiency up to 85%, 4000VACrms I/O isolation, -
40°C to +85°C operating temperature range, and no minimum load requirement. The
DCHAA series is RoHS and UL94V-0 compliant. These converters are best suited for use
in battery operated equipment, measurement equipment, telecom, wireless networks,
industry control systems, and anywhere where isolated and compact size are required.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage Range
Output Voltage
Output Current
Input Current
Output Power
Efficiency (1)
Maximum
Capacitive Load
No Load
Full Load
DCHAA12S5-5H
12 VDC
(9 – 18 VDC)
5 VDC
1000mA
22mA
541mA
5W
81%
2000µF
DCHAA12S12-6H
12 VDC
500mA
35mA
630mA
6W
83%
470µF
DCHAA24S5-5H
24 VDC
(18 – 36 VDC)
5 VDC
1000mA
13mA
265mA
5W
82%
2000µF
DCHAA24S12-6H
12 VDC
500mA
13mA
309mA
6W
85%
470µF
DCHAA48S5-5H
48 VDC
(36 – 75 VDC)
5 VDC
1000mA
8mA
135mA
5W
81%
2000µF
DCHAA48S12-6H
12 VDC
500mA
9mA
158mA
6W
83%
470µF
DUAL OUTPUT MODELS
Model Number
Input Voltage Range
Output Voltage
Output Current
Input Current
Output Power
Efficiency (1)
Maximum (2)
Capacitive Load
No Load
Full Load
DCHAA12D12-6H
12 VDC
(9 – 18 VDC)
±12 VDC
±250mA
36mA
630mA
6W
83%
±220µF
DCHAA12D15-6H
±15 VDC
±200mA
37mA
630mA
6W
83%
±220µF
DCHAA24D12-6H
24 VDC
(18 – 36 VDC)
±12 VDC
±250mA
19mA
313mA
6W
84%
±220µF
DCHAA24D15-6H
±15 VDC
±200mA
21mA
309mA
6W
85%
±220µF
DCHAA48D12-6H
48 VDC
(36 – 75 VDC)
±12 VDC
±250mA
11mA
158mA
6W
83%
±220µF
DCHAA48D15-6H
±15 VDC
±200mA
12mA
158mA
6W
83%
±220µF
NOTES
1. Typical value tested at nominal input and full load.
2. For each output.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCHAA12S12-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA12S12-6H WALL-DCHAA12S12-6H Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results

Similar Description - DCHAA12S12-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC2C01 RSG-EC2C01 Datasheet
725Kb / 1P
   5 TO 6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com