Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27H010-30PC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY27H010-30PC
Description  128K x 8 High-Speed CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H010-30PC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY27H010-30PC Datasheet HTML 1Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 2Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 3Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 4Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 5Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 6Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 7Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 8Page - Cypress Semiconductor CY27H010-30PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY27H010
7
MILITARY SPECIFICATIONS
Group A Subgroup Testing
Document #: 38–00171–D
Ordering Information[10]
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
25
CY27H010–25JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY27H010–25ZC
Z32
32-Lead Thin Small Outline Package
30
CY27H010–30JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY27H010–30PC
P19
32-Lead (600-Mil) Molded DIP
CY27H010–30WC
W20
32-Lead (600-Mil) Windowed CerDIP
CY27H010–30ZC
Z32
32-Lead Thin Small Outline Package
35
CY27H010–35JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY27H010–35PC
P19
32-Lead (600-Mil) Molded DIP
CY27H010–35WC
W20
32-Lead (600-Mil) Windowed CerDIP
CY27H010–35ZC
Z32
32-Lead Thin Small Outline Package
CY27H010–35WMB
W20
32-Lead (600-Mil) Windowed CerDIP
Military
CY27H010–35QMB
Q55
32-Pin Windowed Rectangular Leadless Chip Carrier
Note:
10. Most of the above products are available in industrial temperature range. Contact a Cypress representative for specifications and product availability.
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tAA
7, 8, 9, 10, 11
tOE
7, 8, 9, 10, 11
tCE
7, 8, 9, 10, 11


Similar Part No. - CY27H010-30PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25 CYPRESS-CY27H512-25 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25HC CYPRESS-CY27H512-25HC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25JC CYPRESS-CY27H512-25JC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25ZC CYPRESS-CY27H512-25ZC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H010-30PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com