Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB12S1.5-8500 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CB12S1.5-8500
Description  Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CB12S1.5-8500 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CB12S1.5-8500 Datasheet HTML 1Page - Wall Industries,Inc. CB12S1.5-8500 Datasheet HTML 2Page - Wall Industries,Inc. CB12S1.5-8500 Datasheet HTML 3Page - Wall Industries,Inc. CB12S1.5-8500 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Rev A
CB Series
Single and Dual Outputs
30 Watt DC/DC Converter
2:1 Wide Input Voltage Range
FEATURES
● High Efficiency up to 91%
● Fixed Switching Frequency
● 2:1 Wide Input Voltage Range
● Six-Sided Continuous Shielding
● Standard 2.0 x 1.0 x 0.40 Inches
● Negative Logic Remote ON/OFF Option
● ISO9001 Certified Manufacturing Facilities
● Compliant to RoHS EU Directive 2002/95/EC
● Design Meets UL60950-1, EN60950-1, and IEC60950-1
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
SPECIFICATIONS: CB Series
All specifications apply are typical nominal input, full load, and @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range................12V nominal input............................ 9 - 18 VDC
24V nominal input.......................... 18 - 36 VDC
48V nominal input.......................... 36 - 75 VDC
Input Filter ............................................................................................... Pi type
Input Surge Voltage (100ms max).................. 12V input....................... 25 VDC
24V input....................... 50 VDC
48V input..................... 100 VDC
Input Reflected Ripple Current (nominal Vin and full load).................. 20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up........................................................................................ 30ms typ.
Remote ON/OFF ............................................................................ 30ms typ.
Start Up Voltage ......................12V input ................................................ 9 VDC
24V input .............................................. 18 VDC
48V input .............................................. 36 VDC
Shutdown Voltage ...................12V input ................................................ 8 VDC
24V input .............................................. 16 VDC
48V input ............................................ 32 VDC
Remote ON/OFF (Note 6)
Positive Logic (standard) ......... DC-DC ON ................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Negative Logic (optional)......... DC-DC ON ...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) ................-0.5mA ~ +0.5mA
Remote Off Input Current (nominal Vin) ......................................................3mA
OUTPUT SPECIFICATIONS
Output Voltage .................................................................................... see table
Voltage Accuracy (nominal Vin and full load) ..............................................±1%
Voltage Adjustability (single outputs).........................................................±10%
Output Current..................................................................................... see table
Output Power ...............................................................................30 watts max.
Line Regulation (LL to HL at FL) ..............................................................±0.2%
Load Regulation (min load to full load)
Single Output Models ...........................................................................±0.5%
Dual Output Models.................................................................................±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ....................±5%
Minimum Load...............................................................................................0%
Ripple/Noise (20 MHz BW).................................................................. see table
(measured with a 0.1µF/50V MLCC)
Transient Response Recovery Time (25% load step) .............................. 250µs
PHYSICAL SPECIFICATIONS
Potting Material .......................................................................Epoxy (UL94-V0)
Case Material ................................................................... Nickel-coated copper
Base Material ......................................................................................FR4 PCB
Shielding...............................................................................................six-sided
Weight ........................................................................................30.5g (1.07 oz)
Dimensions (L x W x H).................................................. 2.0 x 1.0 x 0.40 inches
50.8 x 25.4 x 10.2 mm
PROTECTION SPECIFICATIONS
Over Voltage Protection............... 1.5V output.............................................. 2.0V
(zener diode clamp)
2.5V output .............................................. 3.3V
3.3V output .............................................. 3.9V
5V, 5.1V, ±5V outputs.............................. 6.2V
12V & ±12V outputs.................................. 15V
15V & ±15V outputs.................................. 18V
Over Load Protection (% of full load at nominal input)......................... 150% typ.
Short Circuit Protection............................................. Hiccup, automatic recovery
Over Temperature Protection ............................................................+115°C typ.
GENERAL SPECIFICATIONS
Efficiency ............................................................................................... see table
Switching Frequency ........................................................................ 430KHz typ.
Isolation Voltage
Input to Output.......................................................................... 1600VDC min.
Input to case............................................................................. 1600VDC min.
Output to Case ......................................................................... 1600VDC min.
Isolation Resistance ......................................................................109 ohms min.
Isolation Capacitance ......................................................................1500pF max.
Case Grounding ............................. Connect case to-Vin with decoupling Y cap.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ......................................... -40°C ~ +50°C (w/o derating)
+50°C ~ +85°C (w/ derating)
Maximum Case Temperature .................................................................. +105°C
Storage Temperature ................................................................. -55°C ~ +125°C
Relative Humidity.......................................................................... 5% to 95% RH
Thermal Impedance (Note 7)
Natural Convection ........................................................................ 12°C / Watt
Natural Convection with Heatsink.................................................. 10°C / Watt
Temperature Coefficient ............................................................±0.02% / °C max
Thermal Shock ............................................................................ MIL-STD-810F
Vibration .......................................................................................MIL-STD-810F
MTBF for Single & Dual Output Models (Note 1)
BELLCORE-TR-NWT-000332 .................................................3.173 X 106 hrs
MIL-HDBK-217F ...................................................................... 5.548 x 105 hrs
SAFETY & EMC
Design Meets Safety Standards ................IEC60950-1, UL60950-1, EN60950-1
EMI (Note 8) ..........................EN55022................................................... Class A
ESD ..................... EN61000-4-2……..
……. ..... Perf. Criteria A
Radiated Immunity.................EN61000-4-3 ....................10V/m Perf. Criteria A
Fast Transient (Note 9)..........EN61000-4-4 ..................... ±2KV Perf. Criteria A
Surge (Note 9) .......................EN61000-4-5 ..................... ±1KV Perf. Criteria A
Conducted Immunity..............EN61000-4-6 .................10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Telecom/Datacom
● Wireless Networks
● Industry Control Systems
● Semiconductor Equipment
Air ± 8KV
Contact ± 6KV


Similar Part No. - CB12S1.5-8500

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
Cooper Bussmann, Inc.
CB123-10B COOPER-CB123-10B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-10HB COOPER-CB123-10HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15B COOPER-CB123-15B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15HB COOPER-CB123-15HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Similar Description - CB12S1.5-8500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com