Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70CRU02 Datasheet(PDF) 2 Page - International Rectifier

Part # 70CRU02
Description  Ultrafast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70CRU02 Datasheet(HTML) 2 Page - International Rectifier

  70CRU02 Datasheet HTML 1Page - International Rectifier 70CRU02 Datasheet HTML 2Page - International Rectifier 70CRU02 Datasheet HTML 3Page - International Rectifier 70CRU02 Datasheet HTML 4Page - International Rectifier 70CRU02 Datasheet HTML 5Page - International Rectifier 70CRU02 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
70CRU02
Bulletin PD-20619 rev. B 02/02
2
www.irf.com
VBR, Vr
Breakdown Voltage,
200
-
-
V
I R = 60µA
Blocking Voltage
VF
Forward Voltage
-
0.95 1.09
V
I F = 35A
-
0.9
1.0
V
I F = 35A, TJ = 125°C
-
0.85
0.9
V
I F = 35A, TJ = 175°C
IR
Reverse Leakage Current
-
-
60
µA
V R = VR Rated
--
2
mA
T J = 150°C, VR = VR Rated
CT
Junction Capacitance
-
50
-
pF
V R = 200V
LS
Series Inductance
-
10
-
nH
Measured from A-lead to K-lead 5mm from
package body
Electrical Characteristics per Diode @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max Units Test Conditions
trr
Reverse Recovery Time
-
-
28
ns
TJ = 25°C
-34
-
TJ = 125°C
-26
-
TJ = 25°C
-49
-
TJ = 125°C
IRRM
Peak Recovery Current
-
3.7
-
A
TJ = 25°C
-
8.2
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
48.7
-
nC
TJ = 25°C
-
202
-
TJ = 125°C
Dynamic Recovery Characteristics per Diode @ TJ= 25°C (unless otherwise specified)
I
F = 1A
VR = 30V
diF /dt = 200A/µs
Parameters
Min Typ Max Units Test Conditions
Thermal - Mechanical Characteristics
Parameters
Min
Typ
Max
Units
RthJC
Thermal Resistance, Junction to Case
Per Diode
-
0.8
0.9
K/W
RthJC
Thermal Resistance, Junction to Case
Both Leg
-
-
0.45
RthCS (1)
Thermal Resistance, Case to Heatsink
-
0.2
-
Wt
Weight
-
5.5
-
g
-
0.2
-
(oz)
T
Mounting Torque
1.2
-
2.4
N * m
10
-
20
lbf.in
(1) Mounting Surface, Flat, Smooth and Greased
I
F = 35A
VRR = 100V
di/dt = 200A/µs


Similar Part No. - 70CRU02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU02 VISHAY-70CRU02 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 28-Jul-08
70CRU02PBF VISHAY-70CRU02PBF Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
70CRU02PBF VISHAY-70CRU02PBF Datasheet
137Kb / 8P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
70CRU02PBF VISHAY-70CRU02PBF_11 Datasheet
137Kb / 8P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
More results

Similar Description - 70CRU02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com