Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-990 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OX-990
Description  Oven Controlled Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-990 Datasheet(HTML) 2 Page - Vectron International, Inc

  OX-990 Datasheet HTML 1Page - Vectron International, Inc OX-990 Datasheet HTML 2Page - Vectron International, Inc OX-990 Datasheet HTML 3Page - Vectron International, Inc OX-990 Datasheet HTML 4Page - Vectron International, Inc OX-990 Datasheet HTML 5Page - Vectron International, Inc OX-990 Datasheet HTML 6Page - Vectron International, Inc OX-990 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2
Performance Specifications
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
Current consumption stedy state
Current consupmtion during
warm up
14.25
15
15.75
200
550
VDC
mA
mA
@ Vsnom & 25°C
@ Vsnom
Warm up time
3
min
@ 25°C to final frequency
RF Output
Signal [standard]
Sinewave
50 Ω load
Load
45
50
55
Ohm
Output Power
7
10
13
dBm
50 Ω load3
Output Power
10
13
16
dBm
optional 50 Ω load3
Harmonics
-30
dBc
50 Ω load
Spurious
-80
dBc
50 Ω load
Frequency Tuning (EFC)
Absolute Pulling Range
±0.0
ppm
Pulling range is sufficient to tune the oscilator
over lifetime of 10 years and all circumstancers
to nominal frquency
Tuning Slope
Positive
Control Voltage Range
-4
0
+4
VDC
Frequency control input impe-
dance
50
kOhm
Additional Parameters
Phase Noise2
-95
-125
-150
-163
-170
-170
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
@ 120 MHz
10 dBm
sinewave
no vibration3
Phase Noise2
-103
-134
-158
-169
-174
-174
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
optional
@ 120 MHz
13 dBm
sinewave
no vibration3
G-Sensitivity
0.5
ppb/g
without shock absorbers3
Weight
55
75
g
Processing & Packing
Handling & Processing Note
Additional Environmental Conditions
Random Vibration
MIL-STD-202G; Method 214A; Cond H
Shock
MIL-STD-202G; Method 213B; 15 g / 20 ms
(for softest shock absorber i.e. lowest resonance frequency)
Solderability
JEDEC J-STD-002: non RoHS compliant
Solvent Resistance
non-washable device
Absolute Maximum Ratings
Supply voltage (Vs)
16.0
V
Output Load
45
55
Ω
Operable Temperature Range
-40
+85
°C
Storage Temperature Range
-40
+105
°C


Similar Part No. - OX-990

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-990 VECTRON-OX-990 Datasheet
667Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990_14 Datasheet
752Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
More results

Similar Description - OX-990

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com