Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS20N60PB Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # TS20N60PB
Description  20A,600V N-Channel Planar Process Power MOSFETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TS20N60PB Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  TS20N60PB Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TS20N60PB Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TS20N60PB Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TS20N60PB
b) Electrical Parameters:
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDS
Drain-source Voltage
VGS =0V, ID=250µA
600
V
RDS(on)
Static Drain-to-Source
on-Resistance
VGS =10V, ID=10A
0.36
0.45
Ω
VGS(th)
Gated Threshold Voltage
VDS=VGS, ID=250µA
2.0
4.0
V
IDSS
Drain to Source leakeage
Current
VDS=600V, VGS = 0V
1.0
µ
A
IGSS(F)
Gated to Source Forward
Leakage
VGS = +30V
100
nA
IGSS(R)
Gated to Source Reverse
Leakage
VGS = -30V
-100
nA
Ciss
Input Capacitance
VGS =0V,
VDS=25V,
f=1.0MHZ
2847
pF
Coss
Output Capacitance
252
pF
Crss
Reverse Transfer
Capacitance
20
pF
c) Switching Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
VDD=300V,ID=20A,
RG=25Ω
36
nS
tr
Turn-on Rise Time
73
nS
td(off)
Turn-off Delay Time
166
nS
tf
Turn-off Fall Time
73
nS
Qg
Total Gate Charge
VDS=300V
ID=20A
VGS=10V
61
nC
Qgs
Gate-Source Charge
14
nC
Qgd
Gate-Drain Charge
24
nC
d) Source-Drain Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISD
S-D Current(Body Diode)
20
A
ISDM
Pulsed S-D Current(Body Diode)
80
A
VSD
Diode Forward Voltage
VGS =0V, IDS=20A
1.5
V
trr
Reverse Recovery Time
TJ=25℃,IS=20A
di/dt=100A/us
425
nS
Qrr
Reverse Recovery Charge
3.7
µ
C
*Pulse Test: Pulse Width <= 300µs, Duty Cycle< =2%
Symbol
Parameter
Typ
Units
RθJC
Junction-to-Case
0.5
/W
RθJA
Junction-to-Ambient
40
/W
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.08C


Similar Part No. - TS20N60PB

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
CUI INC
TS20 CUI-TS20 Datasheet
391Kb / 4P
   TACTILE SWITCH
05/10/2022
TS20-42-25-WT-160-SMT-TR CUI-TS20-42-25-WT-160-SMT-TR Datasheet
391Kb / 4P
   TACTILE SWITCH
05/10/2022
logo
Bothhand USA, LP.
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
   Complying with ROHS & Halogen Free requirements.
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
More results

Similar Description - TS20N60PB

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
K2837 THINKISEMI-K2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA20N50M THINKISEMI-TSA20N50M Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Rev.11T
SLW20N50C THINKISEMI-SLW20N50C Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TK20J50D THINKISEMI-TK20J50D Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
FSW25N50C THINKISEMI-FSW25N50C Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K4108 THINKISEMI-K4108 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK4108 THINKISEMI-2SK4108 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K20J50D THINKISEMI-K20J50D Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com