Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-3502-SMT-TR Datasheet(PDF) 2 Page - CUI INC

Part # SJ-3502-SMT-TR
Description  MID MOUNT AUDIO JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-3502-SMT-TR Datasheet(HTML) 2 Page - CUI INC

  SJ-3502-SMT-TR Datasheet HTML 1Page - CUI INC SJ-3502-SMT-TR Datasheet HTML 2Page - CUI INC SJ-3502-SMT-TR Datasheet HTML 3Page - CUI INC SJ-3502-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ MODEL: SJ-3502-SMT-TR │ DESCRIPTION: MID MOUNT AUDIO JACK
date 02/16/2018
│ page 2 of 4
2.2 0.087
(2 PLCS)
5.6 0.220
(2 PLCS)
9.0 0.354
(2 PLCS)
2.00 0.079
2.95 0.116
8.45 0.333
0.3
0.50 0.020
(6 PLCS)
0.45 0.018
(4 PLCS)
DETAIL A
SCALE 12 : 1
0.1
-+
COPLANARITY
1
3
1
2
1
1
2.00 0.079
(6 PLCS)
2.00 0.079
12.5 0.492
A
4.50
(4 PLCS)
0.177
0.244
6.2
0.280
7.1
+0.2
-0.1
0.3
0.390
0.163
4.15
5.90 0.232
9.9
0.037
0.95
3.600 0.142
C, 0.55
ø3.5 mating plug
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
stainless steel
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
plastic
PA6T or
equivalent
units: mm[inches]
tolerance: X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
PCB: ±0.05 mm
Model No.
SJ-3502-SMT-TR
Schematic
PIN
1
sleeve
2
tip
3
ring
Recommended PCB Layout
Top View
For more information, please visit the product page.


Similar Part No. - SJ-3502-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-3502-SMT-TR CUID-SJ-3502-SMT-TR Datasheet
583Kb / 4P
   MID MOUNT AUDIO JACK
07/10/2023
More results

Similar Description - SJ-3502-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3506-SMT-TR CUI-SJ-3506-SMT-TR Datasheet
419Kb / 4P
   MID MOUNT AUDIO JACK
SJ-3501-SMT CUI-SJ-3501-SMT Datasheet
234Kb / 3P
   MID MOUNT AUDIO JACK
SJ-4361X-SMT CUI-SJ-4361X-SMT Datasheet
306Kb / 4P
   MID MOUNT AUDIO JACK
SJ-43504-SMT-TR CUI-SJ-43504-SMT-TR Datasheet
398Kb / 4P
   MID MOUNT AUDIO JACK
SJ-3506-SMT CUI-SJ-3506-SMT Datasheet
145Kb / 3P
   MID MOUNT AUDIO JACK
SJ-43504-SMT CUI-SJ-43504-SMT Datasheet
144Kb / 3P
   MID MOUNT AUDIO JACK
SJ-3503-SMT-TR CUI-SJ-3503-SMT-TR Datasheet
389Kb / 4P
   MID MOUNT AUDIO JACK
SJ-3501-SMT-TR CUI-SJ-3501-SMT-TR Datasheet
372Kb / 4P
   MID MOUNT AUDIO JACK
MJ-3536NG CUI-MJ-3536NG Datasheet
121Kb / 3P
   MID MOUNT POWER JACK
PJ-069B-SMT CUI-PJ-069B-SMT Datasheet
322Kb / 3P
   MID MOUNT DC POWER JACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com