Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-2509N Datasheet(PDF) 1 Page - CUI INC

Part # SJ-2509N
Description  2.5mm AUDIO JACK-STEREO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-2509N Datasheet(HTML) 1 Page - CUI INC

  SJ-2509N Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 503-372-1266
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-643-4899
800-275-4899
Website: www.cui.com
RoHS
MODEL NO.
2
1
3
SCHEMATIC
SJ-2509N
2.0 0.079
3.00 0.118
4.00 0.157
9.50 0.374
7.50 0.295
1.6 0.063
(2 PLCS)
1.1 0.043
(3 PLCS)
4.1 0.161
3.5 0.138
2.5 0.098
2.00 0.079
3.00 0.118
4.10 0.161
2.50 0.098
3.50 0.138
1
2
3
1
TOP VIEW
2
PCB LAYOUT
3
REV.
DESCRIPTION
DATE
A
NEW DRAWING
11/30/2005
B
added missing dimension
9/28/2009
X.XX ±0.15mm
X.X ±0.3mm
X. ±0.5mm
TOLERANCE:
Tin
B
MATERIAL
TERMINAL 1
TERMINAL 2
TERMINAL 3
HOUSING
PLATING
Brass
PBS
PBS
PBT
Tin
Tin
SPECIFICATIONS:
RATING: 12V DC @ 1A
CONTACT RESISTANCE: 30m OHMS MAX
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
LIFE: 5,000 CYCLES
OPERATING TEMP: -20° ~ +60°C
SCALE:
2.5mm AUDIO JACK-STEREO
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
3:1
SJ-2509N
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
SJ-2509N
REV:
1.50 0.059
0.394
10.0
1.00 0.039
(TYP)
0.079
2.6 0.102
2.0
3.4
(TYP)
0.197
5.0
0.197
5.0
0.134
0.197
5.0
2.20 0.087
(TYP)
4.0 0.157
0.118
3.00
0.374
9.5
0.331
8.4
7.5 0.295
For more information, please visit the product page.


Similar Part No. - SJ-2509N

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-2509N CUID-SJ-2509N Datasheet
322Kb / 3P
   AUDIO JACK
01/20/2021
More results

Similar Description - SJ-2509N

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
   2.5mm AUDIO JACK-STEREO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
   2.5mm AUDIO Jack-STEREO
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
   2.5mm STEREO JACK
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
   2.5mm Audio Jack
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
   2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
   2.5mm AUDIO JACK - MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
   2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
   2.5mm AUDIO JACK-MONO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com