Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC3478 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3478
Description  Display and Light Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3478 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC3478 Datasheet HTML 6Page - Texas Instruments DLPC3478 Datasheet HTML 7Page - Texas Instruments DLPC3478 Datasheet HTML 8Page - Texas Instruments DLPC3478 Datasheet HTML 9Page - Texas Instruments DLPC3478 Datasheet HTML 10Page - Texas Instruments DLPC3478 Datasheet HTML 11Page - Texas Instruments DLPC3478 Datasheet HTML 12Page - Texas Instruments DLPC3478 Datasheet HTML 13Page - Texas Instruments DLPC3478 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
DLPC3478
DLPS111 – MARCH 2018
www.ti.com
Product Folder Links: DLPC3478
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
GPIO signals must be configured through software for input, output, bidirectional, or open-drain. Some GPIO have one or more
alternative use modes, which are also software configurable. The reset default for all GPIO is as an input signal. An external pullup is
required for each signal configured as open-drain.
(2)
general purpose I/O. These GPIO are software configurable.
Pin Functions – GPIO Peripheral Interface(1)
PIN
I/O
DESCRIPTION(2)
NAME
NUMBER
GPIO_19
M15
B1
General purpose I/O 19 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
2.
MTR_SENSE, Motor Sense (Input): For Focus Motor control applications, this GPIO must be
configured as an input to the fed from the focus motor position sensor.
3.
KEYPAD_4 (input): keypad applications
GPIO_18
M14
B1
General purpose I/O 18 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input)
2.
KEYPAD_3 (input): keypad applications
GPIO_17
L15
B1
General purpose I/O 17 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
2.
KEYPAD_2 (input): keypad applications
GPIO_16
L14
B1
General purpose I/O 16 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
2.
KEYPAD_1 (input): keypad applications
GPIO_15
K15
B1
General purpose I/O 15 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
2.
KEYPAD_0 (input): keypad applications
GPIO_14
K14
B1
General purpose I/O 14 (hysteresis buffer). Options:
1.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
GPIO_13
J15
B1
General purpose I/O 13 (hysteresis buffer). Options:
1.
CAL_PWR (output): Intended to feed the calibration control of the successive approximation ADC
light sensor.
2.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
GPIO_12
J14
B1
General purpose I/O 12 (hysteresis buffer). Options:
1.
(Output) power enable control for LABB light sensor.
2.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
GPIO_11
H15
B1
General purpose I/O 11 (hysteresis buffer). Options:
1.
(Output): thermistor power enable.
2.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
GPIO_10
H14
B1
General Purpose I/O 10 (hysteresis buffer). Options:
1.
RC_CHARGE (output): Intended to feed the RC charge circuit of the successive approximation ADC
used to control the light sensor comparator.
2.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).
GPIO_09
G15
B1
General purpose I/O 09 (hysteresis buffer). Options:
1.
LS_PWR (active high output): Intended to feed the power control signal of the successive
approximation ADC light sensor.
2.
Optional GPIO. Configure as a logic zero GPIO output and leave unconnected if not used (otherwise
this pin requires an external pullup or pulldown component to avoid a floating GPIO input).


Similar Part No. - DLPC3478

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3470 TI1-DLPC3470 Datasheet
1Mb / 70P
[Old version datasheet]   Display and Light Controller
DLPC3470 TI1-DLPC3470 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPC3470CZEZ TI1-DLPC3470CZEZ Datasheet
1Mb / 70P
[Old version datasheet]   Display and Light Controller
DLPC3479 TI1-DLPC3479 Datasheet
1Mb / 61P
[Old version datasheet]   Display and Light Controller
DLPC3479CZEZ TI1-DLPC3479CZEZ Datasheet
1Mb / 61P
[Old version datasheet]   Display and Light Controller
More results

Similar Description - DLPC3478

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3470 TI1-DLPC3470 Datasheet
1Mb / 70P
[Old version datasheet]   Display and Light Controller
DLPC3479 TI1-DLPC3479 Datasheet
1Mb / 61P
[Old version datasheet]   Display and Light Controller
logo
List of Unclassifed Man...
10941 ETC-10941 Datasheet
565Kb / 10P
   Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
logo
Lucky Light Electronic
KWL-2727UXX LUCKY-LIGHT-KWL-2727UXX Datasheet
45Kb / 1P
   Light Bar Display
KWL-1515UX LUCKY-LIGHT-KWL-1515UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-1020UX LUCKY-LIGHT-KWL-1020UX Datasheet
45Kb / 1P
   Light Bar Display
KWL-1111UX LUCKY-LIGHT-KWL-1111UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-1515UXX LUCKY-LIGHT-KWL-1515UXX Datasheet
45Kb / 1P
   Light Bar Display
KWL-3232UX LUCKY-LIGHT-KWL-3232UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-2727UX LUCKY-LIGHT-KWL-2727UX Datasheet
43Kb / 1P
   Light Bar Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com