Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9Q512K32 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 9Q512K32
Description  UT9Q512K32 16Megabit SRAM MCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

9Q512K32 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  9Q512K32 Datasheet HTML 1Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 2Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 3Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 4Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 5Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 6Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 7Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 8Page - Aeroflex Circuit Technology 9Q512K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
q 25ns maximum (5 volt supply) address access time
q Asynchronous operation for compatible with industry
standard 512K x 8 SRAMs
q TTL compatible inputs and output levels , three-state
bidirectional data bus
q Typical radiation performance
- Total dose: 50krads
- SEL Immune >80 MeV-cm
2 /mg
- LETTH(0.25) = >10 MeV-cm
2/mg
- Saturated Cross Section (cm2) per bit, 5.0E -9
- <1E-8 errors/bit-day, Adams 90% geosynchronous
heavy ion
q Packaging options:
- 68-lead dual cavity ceramic quad flatpack (CQFP) -
(weight 7.37 grams)
q Standard Microcircuit Drawing 5962-01511
- QML T and Q compliant part
INTRODUCTION
The QCOTS
TM UT9Q512K32 Quantified Commercial
Off-the-Shelf product is a high-performance 2M byte
(16Mbit) CMOS static RAM multi-chip module (MCM),
organized as four individual 524,288 x 8 bit SRAMs with a
common output enable. Memory expansion is provided by
an active LOW chip enable (En), an active LOW output
enable (G), and three-state drivers. This device has a power-
down feature that reduces power consumption by more than
90% when deselected.
Writing to each memory is accomplished by taking chip
enable (En) input LOW and write enable ( Wn) inputs LOW.
Data on the eight I/O pins (DQ0 through DQ7) is then written
into the location specified on the address pins (A
0 through
A18). Reading from the device is accomplished by taking
chip enable (En) and output enable ( G) LOW while forcing
write enable (Wn) HIGH. Under these conditions, the
contents of the memory location specified by the address
pins will appear on the I/O pins.
The input/output pins are placed in a high impedance state
when the device is deselected (En HIGH), the outputs are
disabled (G HIGH), or during a write operation (En LOW
and Wn LOW). Perform 8, 16, 24 or 32 bit accesses by
making Wn along with En a common input to any
combination of the discrete memory die.
Figure 1. UT9Q512K32 SRAM Block Diagram
512K x 8
512K x 8
512K x 8
512K x 8
DQ(31:24)
or
DQ3(7:0)
DQ(23:16)
or
DQ2(7:0)
DQ(15:8)
or
DQ1(7:0)
DQ(7:0)
or
DQ0(7:0)
G
A(18:0)
W3
E3
E2
E1
E0
W2
W1
W0
Standard Products
QCOTS
TM UT9Q512K32 16Megabit SRAM MCM
Data Sheet
June, 2003


Similar Description - 9Q512K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q512K32 AEROFLEX-8Q512K32 Datasheet
135Kb / 14P
   16Megabit SRAM MCM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
logo
RFHIC
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
   MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
   MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
RFHIC
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
   MCM LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com