Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50019 Datasheet(PDF) 85 Page - Zarlink Semiconductor Inc

Part # ZL50019
Description  Enhanced 2 K Digital Switch with Stratum 4E DPLL
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50019 Datasheet(HTML) 85 Page - Zarlink Semiconductor Inc

Back Button ZL50019 Datasheet HTML 81Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 82Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 83Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 84Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 85Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 86Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 87Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 88Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 89Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
ZL50019
Data Sheet
85
Zarlink Semiconductor Inc.
26.1.2
External Clock Oscillator
When an external clock oscillator is used, numerous parameters must be considered. They include absolute
frequency, frequency change over temperature, output rise and fall times, output levels and duty cycle.
The output clock should be connected directly (not AC coupled) to the OSCi input of the device, and the OSCo
output should be left open as shown in Figure 22 on page 85. XC is a buffered version of the 20 MHz input clock
connected to the internal circuitry.
Figure 22 - Clock Oscillator Circuit
For applications requiring
±32 ppm clock accuracy, the following requirements should be met:
Maximum Series Resistance
35
Approximate Drive Level
1 mW
Frequency
20.000 MHz
Tolerance
±32 ppm
Rise and Fall Time
10 ns
Duty Cycle
40% to 60%
+3.3 V
20 MHz OUT
GND
0.1 uF
+3.3 V
OSCo
OSCi
No Connection
XC
2K DX


Similar Part No. - ZL50019

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019GAC ZARLINK-ZL50019GAC Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019GAG2 ZARLINK-ZL50019GAG2 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019QCC ZARLINK-ZL50019QCC Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019QCG1 ZARLINK-ZL50019QCG1 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50019

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com