Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50019 Datasheet(PDF) 84 Page - Zarlink Semiconductor Inc

Part # ZL50019
Description  Enhanced 2 K Digital Switch with Stratum 4E DPLL
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50019 Datasheet(HTML) 84 Page - Zarlink Semiconductor Inc

Back Button ZL50019 Datasheet HTML 80Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 81Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 82Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 83Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 84Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 85Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 86Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 87Page - Zarlink Semiconductor Inc ZL50019 Datasheet HTML 88Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 115 page
background image
ZL50019
Data Sheet
84
Zarlink Semiconductor Inc.
26.0
Applications
This section contains application-specific details for clock and crystal operation and power supply decoupling.
26.1
OSCi Master Clock Requirement
The device requires a 20 MHz master clock source at the OSCi pin when operating in Master mode or in Divided
Slave with OSC mode. The clock source may be either an external clock oscillator connected to the OSCi pin, or an
external crystal connected between the OSCi and OSCo pins. If an external clock source is present, OSC_EN must
be tied high.
Note that using a crystal is only suitable for wider tolerance applications (i.e.,
±100 ppm). For stratum 4E
applications a clock oscillator with a tolerance of
±32 ppm should be used. See Application Note ZLAN-68 for a list
of Oscillators and Crystals that can be used with Zarlink PLL’s and Digital Switches with embedded PLL’s.
26.1.1
External Crystal Oscillator
When an external crystal oscillator is used, a complete oscillator circuit made up of a crystal, resistor and capacitors
is shown in Figure 21 on page 84. XC is a buffered version of the 20 MHz input clock connected to the internal
circuitry.
Figure 21 - Crystal Oscillator Circuit
The accuracy of a crystal oscillator circuit depends on the crystal tolerance as well as the load capacitance
tolerance. Typically, for a 20 MHz crystal specified with a 32 pF load capacitance, each 1 pF change in load
capacitance contributes approximately 9 ppm to the frequency deviation. Consequently, capacitor tolerances and
stray capacitances have a major effect on the accuracy of the oscillator frequency. The trimmer capacitor shown in
Figure 21 on page 84 may be used to compensate for capacitive effects.
The crystal should be a fundamental mode type - not an overtone. The fundamental mode crystal permits a simpler
oscillator circuit with no additional filter components and is less likely to generate spurious responses. The crystal
accuracy only affects the output clock accuracy in the freerun or the holdover mode. The crystal specification is as
follows:
Frequency
20 MHz
Tolerance
As required
Oscillation Mode
Fundamental
Resonance Mode
Parallel
Load Capacitance
20 pF - 32 pF
OSCo
25 pF
1M
25 pF
20 MHz
OSCi
XC
2K DX


Similar Part No. - ZL50019

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019GAC ZARLINK-ZL50019GAC Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019GAG2 ZARLINK-ZL50019GAG2 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019QCC ZARLINK-ZL50019QCC Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019QCG1 ZARLINK-ZL50019QCG1 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50019

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com