Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40122 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part No. ZL40122
Description  High Speed, Current Feedback Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40122 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL40122 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40122 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
• 450MHz small signal bandwidth
• 1500V/
µs slew rate
• 5.2mA/channel static supply current
• 65mA output current
• 120MHz gain flatness to +/- 0.1dB
• 14 pin SOIC
Applications
• Video switchers/routers
• Video line drivers
• Twisted pair driver/receiver
• Active filters
Description
The ZL40122 is a high speed, quad, current feedback
operational amplifier offering high performance at a
low cost. The device has a very high output current
drive capability of 65mA while requiring only 5.2mA of
static supply current. This feature makes the ZL40122
the ideal choice where a high density of high speed
devices is required.
The flat gain response to 120MHz, 450MHz small
signal bandwidth and 1500V/
µs slew rate make the
device an excellent solution for video applications such
as driving video signals down significant cable lengths.
Other applications which may take advantage of the
ZL40122 superior dynamic performance features
include low cost high order active filters and twisted pair
driver/receivers.
April 2003
Ordering Information
ZL40122/DCA (tubes) 14 lead SOIC
ZL40122/DCB (tape and reel) 14 lead SOIC
-40
°C to +85°C
ZL40122
High Speed, Current Feedback
Quad Operational Amplifier
Data Sheet
Figure 1 - Functional Block Diagram and Pin Connection
7
Out_1
In_n_1
In_p_1
In_p_2
In_n_2
Out_2
Out_4
In_n_4
In_p_4
V-
In_p_3
In_n_3
Out_3
ZL40122
V+
1
2
3
4
5
6
8
9
10
11
12
13
14
1
23
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn