Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC5K48A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMC5K48A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMC5K48A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMC5K48A Datasheet HTML 1Page - Vishay Siliconix SMC5K48A Datasheet HTML 2Page - Vishay Siliconix SMC5K48A Datasheet HTML 3Page - Vishay Siliconix SMC5K48A Datasheet HTML 4Page - Vishay Siliconix SMC5K48A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMC5K10A thru SMC5K85A
www.vishay.com
Vishay General Semiconductor
Revision: 06-Apr-17
2
Document Number: 87742
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derated per fig.2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Note
(1) AEC-Q101 qualified, available for SMC5K10A to SMC5K20A only
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (1) (V) AT IT
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAX. PEAK PULSE
SURGE CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SMC5K10A
5GDX
11.1
12.3
1.0
10
10.0
294
17.0
SMC5K12A
5GEE
13.3
14.7
1.0
12
5.0
251
19.9
SMC5K13A
5GEG
14.4
15.9
1.0
13
2.0
233
21.5
SMC5K14A
5GEK
15.6
17.2
1.0
14
2.0
216
23.2
SMC5K15A
5GEM
16.7
18.5
1.0
15
2.0
205
24.4
SMC5K16A
5GEP
17.8
19.7
1.0
16
2.0
192
26.0
SMC5K17A
5GER
18.9
20.9
1.0
17
2.0
181
27.6
SMC5K18A
5GET
20.0
22.1
1.0
18
2.0
171
29.2
SMC5K20A
5GEV
22.2
24.5
1.0
20
2.0
154
32.4
SMC5K22A
5GEX
24.4
26.9
1.0
22
1.0
141
35.5
SMC5K24A
5GEZ
26.7
29.5
1.0
24
1.0
129
38.9
SMC5K26A
5GFE
28.9
31.9
1.0
26
1.0
119
42.1
SMC5K28A
5GFG
31.1
34.4
1.0
28
1.0
110
45.4
SMC5K30A
5GFK
33.3
36.8
1.0
30
1.0
103
48.4
SMC5K33A
5GFM
36.7
40.6
1.0
33
1.0
93.8
53.3
SMC5K36A
5GFP
40.0
44.2
1.0
36
1.0
86.1
58.1
SMC5K40A
5GFR
44.4
49.1
1.0
40
1.0
77.5
64.5
SMC5K43A
5GFT
47.8
52.8
1.0
43
1.0
72.0
69.4
SMC5K45A
5GFV
50.0
55.3
1.0
45
1.0
68.8
72.7
SMC5K48A
5GFX
53.3
58.9
1.0
48
1.0
64.6
77.4
SMC5K51A
5GFZ
56.7
62.7
1.0
51
1.0
60.7
82.4
SMC5K54A
5GGE
60.0
66.3
1.0
54
1.0
57.4
87.1
SMC5K58A
5GGG
64.4
71.2
1.0
58
1.0
53.4
93.6
SMC5K60A
5GGK
66.7
73.7
1.0
60
1.0
51.7
96.8
SMC5K64A
5GGM
71.1
78.6
1.0
64
1.0
48.5
103
SMC5K70A
5GGP
77.8
86.0
1.0
70
1.0
44.2
113
SMC5K75A
5GGR
83.3
92.1
1.0
75
1.0
41.3
121
SMC5K78A
5GGT
86.7
95.8
1.0
78
1.0
39.7
126
SMC5K85A
5GGV
94.4
104
1.0
85
1.0
36.5
137
IMMUNITY TO STATIC ELECTRICAL DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
IEC 61000-4-2
Human body model (contact mode)
C = 150 pF, R = 330
ESD
4
> 8 kV
Human body model (air discharge mode)
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMC5K10A-M3/H
0.257
H
850
7" diameter plastic tape and reel
SMC5K10A-M3/I
0.257
I
3500
13" diameter plastic tape and reel
SMC5K10AHM3/H (1)
0.257
H
850
7" diameter plastic tape and reel
SMC5K10AHM3/I (1)
0.257
I
3500
13" diameter plastic tape and reel


Similar Part No. - SMC5K48A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMC5K48A VISHAY-SMC5K48A Datasheet
102Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMC5K48A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com