Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS256N0PBFW012 Datasheet(PDF) 9 Page - SPANSION

Part # S29WS256N0PBFW012
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS256N0PBFW012 Datasheet(HTML) 9 Page - SPANSION

Back Button S29WS256N0PBFW012 Datasheet HTML 5Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 6Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 7Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 8Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 9Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 10Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 11Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 12Page - SPANSION S29WS256N0PBFW012 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
S29WS-N MirrorBit™ Flash Family
7
Ad vance
Information
2
Input/Output Descriptions & Logic Symbol
Table identifies the input and output package connections provided on the device.
Table 2.1. Input/Output Descriptions
Symbol
Type
Description
A23–A0
Input
Address lines for WS256N (A22-A0 for WS128 and A21-A0 for WS064N).
DQ15–DQ0
I/O
Data input/output.
CE#
Input
Chip Enable. Asynchronous relative to CLK.
OE#
Input
Output Enable. Asynchronous relative to CLK.
WE#
Input
Write Enable.
VCC
Supply
Device Power Supply.
VIO
Input
VersatileIO Input. Should be tied to VCC.
VSS
I/O
Ground.
NC
No Connect
Not connected internally.
RDY
Output
Ready. Indicates when valid burst data is ready to be read.
CLK
Input
Clock Input. In burst mode, after the initial word is output, subsequent active edges of CLK
increment the internal address counter. Should be at VIL or VIH while in asynchronous
mode.
AVD#
Input
Address Valid. Indicates to device that the valid address is present on the address inputs.
When low during asynchronous mode, indicates valid address; when low during burst
mode, causes starting address to be latched at the next active clock edge.
When high, device ignores address inputs.
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#
Input
Write Protect. At VIL, disables program and erase functions in the four outermost sectors.
Should be at VIH for all other conditions.
ACC
Input
Acceleration Input. At VHH, accelerates programming; automatically places device in
unlock bypass mode. At VIL, disables all program and erase functions. Should be at VIH for
all other conditions.
RFU
Reserved
Reserved for future use (see MCP look-ahead pinout for use with MCP).


Similar Part No. - S29WS256N0PBFW012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS256N0PBFW012 SPANSION-S29WS256N0PBFW012 Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Similar Description - S29WS256N0PBFW012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com