Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8050F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8050F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8050F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8050F Datasheet HTML 1Page - Toshiba Semiconductor TA8050F Datasheet HTML 2Page - Toshiba Semiconductor TA8050F Datasheet HTML 3Page - Toshiba Semiconductor TA8050F Datasheet HTML 4Page - Toshiba Semiconductor TA8050F Datasheet HTML 5Page - Toshiba Semiconductor TA8050F Datasheet HTML 6Page - Toshiba Semiconductor TA8050F Datasheet HTML 7Page - Toshiba Semiconductor TA8050F Datasheet HTML 8Page - Toshiba Semiconductor TA8050F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TA8050F
2002-02-27
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA8050F
1.5 A DC Motor Driver with Brake Function
The TA8050F is a 1.5 A motor driver which directly drives a
bidirectional DC motor. Inputs DI1 and DI2 are combined to
select one of forward, reverse, stop, and brake modes. Since the
inputs are TTL-compatible, this IC can be controlled directly from
a CPU or other control system. The IC also has various protective
functions.
Features
· Bidirectional DC motor driver
· Current capacity
: 1.5 A
· Four modes
: Forward, Reverse, Stop, and Brake
· Recommended operating supply voltage range
: VCC = 6~16 V
· Protective functions : Thermal Shutdown, Short Circuit Protection, and Overvoltage Shutdown
· Built-in diode for counteracting counter electromotive force
· HSOP-20 Pin power flat package
Block Diagram and Pin Layout
Weight: 0.79 g (typ.)
M (
-)
16
FIN
15
Short
protection
20
17
18
19
5
1
4
3
2
11
12
13
14
6
10
9
8
7
FIN
Control logic
Thermal-
shutdown and
over-voltage
protection
M (
+)
GND
GND
VCC
VCC
DI1 DI2


Similar Part No. - TA8050F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
   1.5A MOTOR DRIVER WITH BRAKE FUNCTION
TA8050P TOSHIBA-TA8050P Datasheet
283Kb / 7P
   1.5A MOTOR DRIVER WITH VRAKE FUNCTION
logo
Ohmite Mfg. Co.
TA8050PA4K50FE OHMITE-TA8050PA4K50FE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA8050PA4K50JE OHMITE-TA8050PA4K50JE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA8050PA4K50KE OHMITE-TA8050PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
More results

Similar Description - TA8050F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com