Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP03-12S05B-T Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMPP03-12S05B-T
Description  3 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP03-12S05B-T Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMPP03-12S05B-T Datasheet HTML 1Page - Wall Industries,Inc. DCMPP03-12S05B-T Datasheet HTML 2Page - Wall Industries,Inc. DCMPP03-12S05B-T Datasheet HTML 3Page - Wall Industries,Inc. DCMPP03-12S05B-T Datasheet HTML 4Page - Wall Industries,Inc. DCMPP03-12S05B-T Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev C
DCMPP03 SERIES
3 Watt
Medical DC/DC Power Converters
2/03/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size:
1.25 x 0.80 x 0.40 inches
(31.8 x 20.3 x 10.2 mm)
Applications:
Medical Equipment
Telecom/Datacom
Industry Control Systems
Semiconductor Equipment
PV Power Systems
IGBT Gate Drivers
FEATURES
2µA Patient Leakage Current
Single & Dual Outputs
Under Voltage Protection
High Efficiency up to 87.5%
2:1 Wide Input Voltage Ranges
Built-in EMI Class A Filter
Low Stand-by Power
Consumption
3 Watts Output Power
Reinforced Insulation for 250VAC Working Voltage
Clearance and Creepage Distance: 8.0mm/2MOPP
5000VAC Input to Output 2MOPP Isolation
Short Circuit, Over Voltage, and Over Load Protection
CE Marked
Compliant to RoHS II & REACH
ANSI/AAMI ES60601-1, EN60601-1, IEC60601-1 3rd Edition, UL60950-1,
EN60950-1, & IEC60950-1 Safety Approvals
Optional Remote ON/OFF Control and Trim Pin
DESCRIPTION
The DCMPP03 series of medical DC/DC power converters provides 3 Watts of output power in a 1.25” x
0.80” x 0.40” DIP package. This series consists of single and dual output models with 2:1 wide input voltage
ranges of 4.5-9VDC, 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to
87%, 5000VAC I/O (2 MOPP) isolation, and low stand-by power consumption. These converters are also
protected against under voltage, short circuit, over voltage, and over load conditions. All models are RoHS
compliant and have ANSI/AAMI ES60601-1, EN60601-1, IEC60601-1 3rd Edition, UL60950-1, EN60950-1, and
IEC60950-1
safety approvals. Remote ON/OFF and Trim functions are also available for this series.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number (1)
Input Voltage
Range
Output Voltage Output Current
Output
Ripple &
Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMPP03-5S33x
5 VDC
(4.5 - 9 VDC)
3.3 VDC
1000mA
30mVp-p
10mA
3.3W
81%
1050µF
DCMPP03-5S05x
5 VDC
600mA
30mVp-p
10mA
3W
84.5%
750µF
DCMPP03-5S12x
12 VDC
250mA
40mVp-p
15mA
3W
85.5%
130µF
DCMPP03-5S15x
15 VDC
200mA
40mVp-p
15mA
3W
87.5%
100µF
DCMPP03-5S24x
24 VDC
125mA
50mVp-p
20mA
3W
85.5%
39µF
DCMPP03-12S33x
12 VDC
(9 - 18 VDC)
3.3 VDC
1000mA
30mVp-p
10mA
3.3W
82%
1050µF
DCMPP03-12S05x
5 VDC
600mA
30mVp-p
10mA
3W
84.5%
750µF
DCMPP03-12S12x
12 VDC
250mA
40mVp-p
10mA
3W
87%
130µF
DCMPP03-12S15x
15 VDC
200mA
40mVp-p
10mA
3W
87%
100µF
DCMPP03-12S24x
24 VDC
125mA
50mVp-p
10mA
3W
87%
39µF
DCMPP03-24S33x
24 VDC
(18 - 36 VDC)
3.3 VDC
1000mA
30mVp-p
6mA
3.3W
82%
1050µF
DCMPP03-24S05x
5 VDC
600mA
30mVp-p
6mA
3W
84.5%
750µF
DCMPP03-24S12x
12 VDC
250mA
40mVp-p
6mA
3W
87%
130µF
DCMPP03-24S15x
15 VDC
200mA
40mVp-p
6mA
3W
87%
100µF
DCMPP03-24S24x
24 VDC
125mA
50mVp-p
6mA
3W
87%
39µF
DCMPP03-48S33x
48 VDC
(36 - 75 VDC)
3.3 VDC
1000mA
30mVp-p
4mA
3.3W
81%
1050µF
DCMPP03-48S05x
5 VDC
600mA
30mVp-p
4mA
3W
84%
750µF
DCMPP03-48S12x
12 VDC
250mA
40mVp-p
4mA
3W
87%
130µF
DCMPP03-48S15x
15 VDC
200mA
40mVp-p
4mA
3W
86.5%
100µF
DCMPP03-48S24x
24 VDC
125mA
50mVp-p
4mA
3W
86.5%
39µF
DUAL OUTPUT MODELS
Model Number (1)
Input Voltage
Range
Output Voltage Output Current
Output
Ripple &
Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMPP03-5D05x
5 VDC
(4.5 - 9 VDC)
±5 VDC
±300mA
30mVp-p
25mA
3W
83%
±430µF
DCMPP03-5D12x
±12 VDC
±125mA
40mVp-p
25mA
3W
86%
±75µF
DCMPP03-5D15x
±15 VDC
±100mA
40mVp-p
25mA
3W
86%
±56µF
DCMPP03-12D05x
12 VDC
(9 - 18 VDC)
±5 VDC
±300mA
30mVp-p
10mA
3W
83.5%
±430µF
DCMPP03-12D12x
±12 VDC
±125mA
40mVp-p
10mA
3W
87.5%
±75µF
DCMPP03-12D15x
±15 VDC
±100mA
40mVp-p
10mA
3W
86.5%
±56µF
DCMPP03-24D05x
24 VDC
(18 - 36 VDC)
±5 VDC
±300mA
30mVp-p
6mA
3W
83%
±430µF
DCMPP03-24D12x
±12 VDC
±125mA
40mVp-p
6mA
3W
87%
±75µF
DCMPP03-24D15x
±15 VDC
±100mA
40mVp-p
6mA
3W
86%
±56µF
DCMPP03-48D05x
48 VDC
(36 - 75 VDC)
±5 VDC
±300mA
30mVp-p
4mA
3W
83%
±430µF
DCMPP03-48D12x
±12 VDC
±125mA
40mVp-p
4mA
3W
86%
±75µF
0DCMPP03-48D15x
±15 VDC
±100mA
40mVp-p
4mA
3W
86%
±56µF


Similar Part No. - DCMPP03-12S05B-T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05A-PT WALL-DCMPP06-12D05A-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05B-PT WALL-DCMPP06-12D05B-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05x WALL-DCMPP06-12D05x Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMPP03-12S05B-T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03_18 Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com