Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF-2016 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SRF-2016
Description  200 - 600 MHz Silicon Germanium IF Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SRF-2016 Datasheet(HTML) 2 Page - Stanford Microdevices

  SRF-2016 Datasheet HTML 1Page - Stanford Microdevices SRF-2016 Datasheet HTML 2Page - Stanford Microdevices SRF-2016 Datasheet HTML 3Page - Stanford Microdevices SRF-2016 Datasheet HTML 4Page - Stanford Microdevices SRF-2016 Datasheet HTML 5Page - Stanford Microdevices SRF-2016 Datasheet HTML 6Page - Stanford Microdevices SRF-2016 Datasheet HTML 7Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices
product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
2
04/23/01 rev 5.0
Advanced Data Sheet
65) 6L*H ,) 5HFHLYHU
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage
6.0
VDC
LO Input
+10
dBm
IF Input
+10
dBm
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Test Conditions
VS = +5VDC
TA = +25ºC
LO Input = 0dBm, 400MHz
IF Input
F=400.1 MHz
GC1 = 0, GC2 = 0; 0dBm
GC1 = 1, GC2 = 0; -20dBm
GC1 = 1, GC2 = 1; -40dBm
(I/Q mixing to baseband)
Parameters
Test Conditions
Unit
Min.
Typ.
Max.
Frequency Range
MHz
200
240-440
600
Return Loss
50ohm reference
dB
20
Gain
gain set=high
GC1=GC2=1
dB
35
Input P1dB
dBm
-30
Input IP3
dBm
-20
Noise Figure
dB
6
Gain
gain set=medium
GC1=1
GC2=0
dB
15
Input P1dB
dBm
-10
Input IP3
dBm
0
Noise Figure
dB
10
Gain
gain set=low
GC1=GC2=0
dB
-5
Input P1dB
dBm
10
Input IP3
dBm
20
Noise Figure
dB
30
(DC on LO Port – gain controlled amplifier)
Parameters
Test Conditions
Unit
Min.
Typ.
Max.
Frequency Range
MHz
200
600
Return Loss
50ohm reference
dB
20
Gain
gain set=high
GC1=GC2=1
dB
40
Input P1dB
dBm
-26
Input IP3
dBm
-16
Noise Figure
dB
6
Gain
gain set=medium
GC1=1
GC2=0
dB
20
Input P1dB
dBm
-6
Input IP3
dBm
4
Noise Figure
dB
9
Gain
gain set=low
GC1=GC2=0
dB
0
Input P1dB
dBm
14
Input IP3
dBm
24
Noise Figure
dB
30
Product Specifications – Miscellaneous
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
Supply Voltage
V
+4.75
+5.0
+5.25
Supply Current
mA
180
Thermal Resistance
ºCTBD
Product Specifications – I/Q Output
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
I/Q Output Frequency Range
MHz
DC
500
I/Q Output Amplitude Balance
dB
-0.2
0.2
I/Q Output Phase Balance
deg
-2
2
I/Q Output Common-mode Voltage
V
2.5
Product Specifications – LO Input
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
LO Input Level
dBm
-3
0
+3
Return Loss
dB
20
Product Specifications – IF Input
Product Specifications – Stuck Mixer


Similar Part No. - SRF-2016

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SRF-2016 SIRENZA-SRF-2016 Datasheet
122Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
List of Unclassifed Man...
SRF-2016Z ETC1-SRF-2016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
SRF-2016Z SIRENZA-SRF-2016Z Datasheet
122Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
More results

Similar Description - SRF-2016

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SRF-2016 SIRENZA-SRF-2016 Datasheet
122Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
   65 - 300 MHz Silicon Germanium IF Receiver
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
TAI-SAW TECHNOLOGY CO.,...
TB0410A TAI-SAW-TB0410A Datasheet
275Kb / 7P
   IF SAW Filter 200 MHz
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com