Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F13659 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # F13659
Description  Angelina Reflector
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13659 Datasheet(HTML) 3 Page - Ledil, Inc.

  F13659 Datasheet HTML 1Page - Ledil, Inc. F13659 Datasheet HTML 2Page - Ledil, Inc. F13659 Datasheet HTML 3Page - Ledil, Inc. F13659 Datasheet HTML 4Page - Ledil, Inc. F13659 Datasheet HTML 5Page - Ledil, Inc. F13659 Datasheet HTML 6Page - Ledil, Inc. F13659 Datasheet HTML 7Page - Ledil, Inc. F13659 Datasheet HTML 8Page - Ledil, Inc. F13659 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/1
SIZE
A4
DRAWING TITLE
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
ANGELINA-B series Reflector
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
ANGELINA-B
PC
metal
A
81.9
5
3 9
B
Detail A
Scale:
2:1
Detail B
Scale:
2:1
21.3
3
R
23.1
2
R
21. 8
R


Similar Part No. - F13659

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F136 FOX-F136 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F136 FOX-F136 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Ledil, Inc.
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
   Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
   Angelina Reflector
logo
Cree, Inc
F13662 CREE-F13662 Datasheet
5Mb / 100P
   ANGELA series
More results

Similar Description - F13659

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
   Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
   Angelina Reflector
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
   Angelina RefPack
logo
Cree, Inc
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
   ANGELINA series
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
   ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
   ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
   ANGELINA series
logo
Ledil, Inc.
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
   Angelina RefPack
logo
Cree, Inc
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
   ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
   ANGELINA series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com