Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

USP12836 Datasheet(PDF) 1 Page - Littelfuse

Part No. USP12836
Description  Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

USP12836 Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
littelfuse.com
© 2018 Littelfuse, Inc. Revised: March 2, 2018
Specifications are subject to change without notice.
Description
Littelfuse offers Stainless probe assemblies suitable for a wide
range of temperature sensing applications. If the dimensions and
electrical characteristics on this product won’t work for your
requirements, please contact us for further assistance.
Dimensions
Dimensions in inches.
A
B
C
D
E
8.00”
± 0.750”
1.1811”
Nom
0.7874”
Nom
0.1772”
Nom
0.200”
Nom
F
G
H
I
J
0.4724”
Nom
0.7874”
Nom
0.197”
Nom
0.360”
Nom
0.1772”
Nom
Dia
USP12836 Thermistor Probe
Features
Tight Tolerance
Flange with 0.177” Dia
Mounting Hole
PVC Zip Cord
Lead Wire
105°C Max Operating
Temperature
8.00”
1.1811”
0.7874”
0.1772”
THERMISTOR ELEMENT POTTED
IN 300 SERIES STAINLESS
STEEL PROBE HOUSING
0.039”
STRIP: 0.200”
0.1772” DIAMETER MOUNING HOLE
0.7874”
0.4724”
0.197”
0.360”
24 AWG, STRANDED CONDUCTOR,
TWO CONDUCTOR, PVC INSULATED ZIPCORD
8.00”
± 0.750"
1.1811”
Nom
0.7874”
Nom
0.1772”
Nom
THERMISTOR ELEMENT POTTED
IN 300 SERIES STAINLESS
STEEL PROBE HOUSING
STRIP
0.200”
Nom
0.7874”
Nom
0.4724”
Nom
0.197”
Nom
0.360”
Nom
24 AWG, STRANDED CONDUCTOR,
TWO CONDUCTOR, PVC INSULATED ZIPCORD
MOUNTING HOLE
A
E
F
G
H
I
C
B
D
A
B
C
D
E
F
G
H
I
0.1772”
Nom
Diam
J
Flanged
Thermistor Probes and Assemblies
Specifications
Part
Number
Resistance Ohms
@25°C
Resistance
Tol. ± % @ 25°C
R-T
Curve
Temperature
Coefficient
(% / °C) @ 25°C
Beta (K)
25-85°C
Temperature
Rating (°C)
USP12836
10000
1
J
-4.4
3977
-55 to +105
Part Numbering System
Note: Not all combinations of Part Number codes are available. Contact Littelfuse for details.
USP 12836
Thermistor
Probe
No Significance
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn