Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6470 Datasheet(PDF) 2 Page - Littelfuse

Part # CG6470
Description  The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG6470 Datasheet(HTML) 2 Page - Littelfuse

  CG6470 Datasheet HTML 1Page - Littelfuse CG6470 Datasheet HTML 2Page - Littelfuse CG6470 Datasheet HTML 3Page - Littelfuse CG6470 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Product Characteristics
Voltage Vs.Time Characteristic
V-I Characteristic Curve
Materials
Device Tin Plated 17.5 ± 12.5
Microns
Construction: Ceramic Insulator
Storage and Operational
Temperature
-40 to +90°C
@1.0GHz = 0.03dB
@1.4GHz = 0.06dB
@1.8GHz = 0.09dB
@2.0GHz = 0.11dB
@2.4GHz = 0.13dB
@2.8GHz = 0.15dB
@3.1GHz = 0.17dB
@3.5GHz = 0.19dB
@4.0GHz = 0.22dB
Typical Insertion Loss
Note: Insertion data for customer reference only, application testing needed for verification.
Electrical Characteristics
Part
Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Break-
down
in Volts
(@100V/µs)
Impulse
Break-
down In
Volts
(@1 kV/µs)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Max
Impulse
Discharge
Current
(8/20µs)
Max
Impulse
Discharge
Current
(10/700µs)
AC
Dischage
Current
(50Hz, 1sec)
AC
Dischage
Current
(Single, 9
Cycles)
DC
Holdover
Voltage
(<150ms)
Impulse
Life
(10/1000µs)
(50A)
MIN TYP MAX
MAX
MIN
MAX
MIN
MIN
MIN
CG675
60
75
90
600
700
0.3pf
10 Shots
@
(3kA) 1
1 Shot at
5kA
10 Shots
@
(150A/6kV) 2
3A
6A
52V
300
Shots
CG690
72
90
108
600
700
52V
CG6145
116 145 174
600
700
52V
CG6230
186 230 276
600
700
80V
CG6250
200 250 300
600
700
80V
CG6300
240 300 360
650
800
135V
CG6350
280 350 420
750
900
135V
CG6400
360 400 480
850
1000
135V
CG6470
376 470 564
900
1100
135V
CG6600
480 600 720
1000
1200
135V
Note:
1. 5 x (+) and 5 x (-) applications of 3kA 8/20μs sec.
2. 5 x (+) and 5 x (-) applications of 150A 10/700μs sec.
1GΩ
@50V
1GΩ
@100V
1GΩ@250V
Time (ns)
0200
0
200
400
600
800
400600
8001000
1200
Max dynamic
breakover voltage
Hold over voltage
On-state voltage
I Axis
Arc Voltage
Point at which gas tube is at
lowest impedance and
fully conductive.
Typical arc voltage at about
10 to 12 Volts
Max Dynamic Breakover Voltage
(Impulse Breakdown)
Point at which gas tube is at
lowest impedance and
fully conductive
Holdover Voltage
Device resets to a high
impedance state once the
voltage across the device
falls below this level.
Characteristics of Gas Plasma -response to transient condition
V Axis
Note: Tested per 1kV/µs waveform
CG6 Series


Similar Part No. - CG6470

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CG6457AM CYPRESS-CG6457AM Datasheet
287Kb / 25P
   FAN Controller
CG6457AMT CYPRESS-CG6457AMT Datasheet
287Kb / 25P
   FAN Controller
CG6462AM CYPRESS-CG6462AM Datasheet
287Kb / 25P
   FAN Controller
CG6462AMT CYPRESS-CG6462AMT Datasheet
287Kb / 25P
   FAN Controller
More results

Similar Description - CG6470

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG7 LITTELFUSE-CG7 Datasheet
704Kb / 4P
   The Littelfuse CG7 series GDT is a miniature surface mount device with a 1kA 8/20關S surge rating
SM20 LITTELFUSE-SM20 Datasheet
720Kb / 4P
   The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
461 LITTELFUSE-461 Datasheet
654Kb / 4P
   The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
   The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
Littelfuse
160 LITTELFUSE-160 Datasheet
719Kb / 3P
   The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
   a miniature surface mount Watch
10/10/06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com